Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM831-112B-R Datasheet(PDF) 1 Page - EVER-WAY INDUSTRY COMPANY LIMITED

Part # WM831-112B-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVER-WAY [EVER-WAY INDUSTRY COMPANY LIMITED]
Direct Link  http://www.ever-way.biz/
Logo EVER-WAY - EVER-WAY INDUSTRY COMPANY LIMITED

WM831-112B-R Datasheet(HTML) 1 Page - EVER-WAY INDUSTRY COMPANY LIMITED

  WM831-112B-R Datasheet HTML 1Page - EVER-WAY INDUSTRY COMPANY LIMITED WM831-112B-R Datasheet HTML 2Page - EVER-WAY INDUSTRY COMPANY LIMITED WM831-112B-R Datasheet HTML 3Page - EVER-WAY INDUSTRY COMPANY LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
● 120A switching capability
● Strong resistance ability to shock & vibration
● Heavy load up to 33240VA
● 4kV dielectric strength
(between coil and contacts)
● Outline Dimensions: (53.5 x 45.5 x 22.0) mm
Features
WM
WM
WM
WM 831
831
831
831
MINIATURE HIGH POWER LATCHING RELAY
■ CONTACT DATA
Contact Form
1A
Contact Material
Silver Alloy
Contact Ratings
120A 277VAC/28VDC
Max Switching Voltage
600VAC
Max Switching Current
120A
Max Switching Power
33240VA/3360W
Contact Resistance
30MΩ(at 1A 24VDC)
Electrical Life
1X104Ops(30Ops/min)
Mechanical Life
1X106Ops(300Ops/min)
■ GENERAL DATA
Insulation Resistance
1000MΩ 500VDC
Dielectric Strength
Between coil & contacts
4000VAC 1min
Between open contacts
2000VAC 1min
Operate Time
Max. 20ms
Release Time
Max. 20ms
Temperature Range
- 40℃ to +70℃
Shock Resistance
Functional
294m/s2 (10g)
Destructive
980m/s2 (100g)
Vibration Resistance
10 to 55Hz 1.5mm
Humidity
98% RH
Weight
Approx. 100g
Safety Standard
■ COIL DATA
Nominal Voltage
(VDC)
Coil Resistance at 20℃ ± 10%(Ω)
Max Operate Voltage
(VDC)
Min Release Voltage
(VDC)
Max Applicate Voltage
(VDC)
2W
(1 coil latching)
4W
(2 coil latching)
6
18
9+9
4.8
0.60
9.6
12
72
36+36
9.6
0.90
19.2
24
288
144+144
19.2
1.20
38.4
48
1152
576+576
38.4
2.40
76.8


Similar Part No. - WM831-112B-R

ManufacturerPart #DatasheetDescription
logo
EVER-WAY INDUSTRY COMPA...
WM831-112B-R EVER-WAY-WM831-112B-R Datasheet
115Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results

Similar Description - WM831-112B-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
JE10 HONGFA-JE10 Datasheet
68Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE20 HONGFA-HFE20 Datasheet
1Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE9 HONGFA-HFE9 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE21 HONGFA-HFE21 Datasheet
160Kb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
62Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
58Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
HFE27 HONGFA-HFE27 Datasheet
63Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE39 HONGFA-HFE39 Datasheet
67Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HF166F HONGFA-HF166F Datasheet
59Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10-L HONGFA-HFE10-L Datasheet
53Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com