Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM831-112B-R Datasheet(PDF) 2 Page - EVER-WAY INDUSTRY COMPANY LIMITED

Part # WM831-112B-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVER-WAY [EVER-WAY INDUSTRY COMPANY LIMITED]
Direct Link  http://www.ever-way.biz/
Logo EVER-WAY - EVER-WAY INDUSTRY COMPANY LIMITED

WM831-112B-R Datasheet(HTML) 2 Page - EVER-WAY INDUSTRY COMPANY LIMITED

  WM831-112B-R Datasheet HTML 1Page - EVER-WAY INDUSTRY COMPANY LIMITED WM831-112B-R Datasheet HTML 2Page - EVER-WAY INDUSTRY COMPANY LIMITED WM831-112B-R Datasheet HTML 3Page - EVER-WAY INDUSTRY COMPANY LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1) Dust protected verstion is recommended.
2) If water cleaning is required after the relay is assembled on PCB, please contact us for suggestion about suitable parts.
3) If the switch-off peak voltage of coil is required to be smaller than 100V, R1 or R2 shall be used (measured voltage of 12V is 13.5V, that
of 24V is 27V); If parallel diode, Zenet Diode or other components ate required, please contact Ever-way for more technical supports.
2
ORDERING INFORMATION
Outline Dimensions
OUTLINE DIMENSIONS AND WIRING DIAGRAM
Unit: mm
WM
831
-1
12
B
-R
(XXX)
Special request code
According to customer's requirement
Polarity
R: Negative polarity NIL:Positive polarity
Contact Form
B: 1Form B A:1Form A
Coil voltage
6V,12V,24V,48V DC
Sort
1: 1coil latching 2:2 coils latching
Type
WM 831



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com