Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS166DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS166DR
Description  SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166DR Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS166DR Datasheet HTML 1Page - Texas Instruments SN74HCS166DR Datasheet HTML 2Page - Texas Instruments SN74HCS166DR Datasheet HTML 3Page - Texas Instruments SN74HCS166DR Datasheet HTML 4Page - Texas Instruments SN74HCS166DR Datasheet HTML 5Page - Texas Instruments SN74HCS166DR Datasheet HTML 6Page - Texas Instruments SN74HCS166DR Datasheet HTML 7Page - Texas Instruments SN74HCS166DR Datasheet HTML 8Page - Texas Instruments SN74HCS166DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
D
B
A
VCC
15
16
CLK
E
F
G
H
CLK INH
C
CLR
QH
SH/LD
SER
D or PW Package 16-Pin SOIC or TSSOP Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
SER
1
Input
Serial input
A
2
Input
Parallel input A
B
3
Input
Parallel input B
C
4
Input
Parallel input C
D
5
Input
Parallel input D
CLK INH
6
Input
Clock inhibit input
CLK
7
Input
Clock input, positive edge triggered
GND
8
—
Ground
CLR
9
Input
Clear input, active low
E
10
Input
Parallel input E
F
11
Input
Parallel input F
G
12
Input
Parallel input G
QH
13
Output
QH output
H
14
Input
Parallel input H
SH/ LD
15
Input
Shift/ load input, enable shifting when input is high, load data when input is low
VCC
16
—
Positive supply
www.ti.com
SN74HCS166
SCLS843 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com