Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS166DR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS166DR
Description  SN74HCS166 8-Bit Parallel-Load Shift Registers with Schmitt-Trigger Inputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166DR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74HCS166DR Datasheet HTML 9Page - Texas Instruments SN74HCS166DR Datasheet HTML 10Page - Texas Instruments SN74HCS166DR Datasheet HTML 11Page - Texas Instruments SN74HCS166DR Datasheet HTML 12Page - Texas Instruments SN74HCS166DR Datasheet HTML 13Page - Texas Instruments SN74HCS166DR Datasheet HTML 14Page - Texas Instruments SN74HCS166DR Datasheet HTML 15Page - Texas Instruments SN74HCS166DR Datasheet HTML 16Page - Texas Instruments SN74HCS166DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
In this application, the SN74HCS166 is used to increase the number of inputs on a microcontroller. Unlike other
I/O expanders, the SN74HCS166 does not need a communication interface for control. It can be easily operated
with simple GPIO pins.
Additionally, a second shift register may be used to read more than eight inputs by simply tying the output of one
register to the serial input of the other.
At power-up, the initial state of the shift registers is unknown. To give them a defined state, the shift register
needs to be cleared will need to be cleared by the microcontroller. This will initialize the shift register to all zeros.
9.2 Typical Application
Sensor
0
A
B
C
D
E
F
G
H
CLK INH
SER
CLK
MCU
GPIO0
GPIO1
GPIO2
Sensor
1
Sensor
2
Sensor
3
Sensor
4
Sensor
5
Sensor
6
Sensor
7
QH
SH/LD
CLR
GND
0.1 …F
VCC
GPIO3
Figure 9-1. Typical application block diagram
9.2.1 Design Requirements
9.2.1.1 Power Considerations
Ensure the desired supply voltage is within the range specified in the Recommended Operating Conditions. The
supply voltage sets the device's electrical characteristics as described in the Electrical Characteristics.
www.ti.com
SN74HCS166
SCLS843 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74HCS166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com