Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS813 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TGS813
Description  TGS 813 - for the detection of Combustible Gases
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TGS813 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TGS813 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGS813 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Structure and Dimensions:
Standard Circuit Conditions:
Pin Connection and Basic Measuring Circuit:
The numbers shown around the sensor symbol in the circuit diagram at the right
correspond with the pin numbers shown in the sensor's structure drawing (
above).
When the sensor is connected as shown in the basic circuit, output across the Load
Resistor (VRL) increases as the sensor's resistance (Rs) decreases, depending on
gas concentration.
Sensor Resistance (Rs) is calculated by
the following formula:
Rs = (
-1) x RL
VC
VRL
Power dissipation across sensor electrodes (Ps)
is calculated by the following formula:
Ps =
VC2 x Rs
(Rs + RL)2
Standard Test Conditions:
TGS 813 complies with the above electrical characteristics
when the sensor is tested in standard conditions as specified
below:
Test Gas Conditions:
20
°±2°C, 65±5%R.H.
Circuit Conditions:
VC = 10.0
±0.1V (AC or DC),
VH = 5.0
±0.05V (AC or DC),
RL = 4.0k
Ω±1%
Preheating period before testing: More than 7 days
Electrical Characteristics:
Basic Measuring Circuit:
REV: 9/02
1 Sensing Element:
SnO2 is sintered to form a thick film on
the surface of an alumina ceramic tube
which contains an internal heater.
2 Cap:
Nylon 66
3 Sensor Base:
Nylon 66
4 Flame Arrestor:
100 mesh SUS 316 double gauze
FIGARO USA, INC.
3703 West Lake Ave. Suite 203
Glenview, Illinois 60025
Phone:
(847)-832-1701
Fax:
(847)-832-1705
email: figarousa@figarosensor.com
For information on warranty, please refer to Standard Terms and
Conditions of Sale of Figaro USA Inc.
m
e
t
I
l
o
b
m
y
S
n
o
i
t
i
d
n
o
C
n
o
i
t
a
c
i
f
i
c
e
p
S
e
c
n
a
t
s
i
s
e
R
r
o
s
n
e
S
s
Re
n
a
h
t
e
Mr
i
a
/
m
p
p
0
0
0
1
t
a5k
Ω 1
~5k
Ω
f
o
o
i
t
a
R
e
g
n
a
h
C
e
c
n
a
t
s
i
s
e
R
r
o
s
n
e
S
o
R
/
s
R
)
r
i
a
/
m
p
p
0
0
0
3
t
a
e
n
a
h
t
e
M
(
s
R
)
r
i
a
/
m
p
p
0
0
0
1
t
a
e
n
a
h
t
e
M
(
s
R
.
00
6
±
5
0
.
0
e
c
n
a
t
s
i
s
e
R
r
e
t
a
e
H
RH
e
r
u
t
a
r
e
p
m
e
t
m
o
o
R
30 0
.
± 0
.
3
Ω
r
e
w
o
P
r
e
t
a
e
H
n
o
i
t
p
m
u
s
n
o
C
PH
VH
V
0
.
5
=
3
8)
l
a
c
i
p
y
t
(
W
m
5
m
e
t
I
l
o
b
m
y
S
s
e
u
l
a
V
d
e
t
a
R
s
k
r
a
m
e
R
e
g
a
t
l
o
V
r
e
t
a
e
H
VH
0
.
5
±
V
2
.
0C
D
r
o
C
A
e
g
a
t
l
o
V
t
i
u
c
r
i
C
VC
V
4
2
.
x
a
M
y
l
n
o
C
D
s
P
≤
W
m
5
1
e
c
n
a
t
s
i
s
e
R
d
a
o
L
RL
e
l
b
a
i
r
a
Vk
5
4
.
0
Ω
.
n
i
m
17
± 0.5
9.5
6
3
4
2
5
1
um : mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com