Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGS813 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TGS813
Description  TGS 813 - for the detection of Combustible Gases
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TGS813 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TGS813 Datasheet HTML 1Page - List of Unclassifed Manufacturers TGS813 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FIGARO
PRODUCT INFORMATION
Applications:
Features:
TGS 813 - for the detection of Combustible Gases
The figure below represents typical sensitivity char-acteristics,
all data having been gathered at standard test conditions (see
reverse side of this sheet). The Y-axis is indicated as
sensor
resistance ratio (Rs/Ro) which is defined as follows:
Rs = Sensor resistance of displayed gases at
various concentrations
Ro = Sensor resistance in 1000ppm methane
The figure below represents typical temperature and humidity
dependency characteristics. Again, the Y-axis is indicated as
sensor resistance ratio (Rs/Ro), defined as follows:
Rs = Sensor resistance at 1000ppm of methane
at various temperatures/humidities
Ro = Sensor resistance at 1000ppm of methane
at 20
°C and 65% R.H.
* Domestic gas leak detectors and
alarms
* Portable gas detectors
The sensing element of Figaro gas sensors is a tin dioxide (SnO2) semiconductor
which has low conductivity in clean air. In the presence of a detectable gas, the
sensor's conductivity increases depending on the gas concentration in the air. A
simple electrical circuit can convert the change in conductivity to an output signal
which corresponds to the gas concentration.
The TGS 813 has high sensitivity to methane, propane, and butane, making it ideal
for natural gas and LPG monitoring. The sensor can detect a wide range of gases,
making it an excellent, low cost sensor for a wide variety of applications. Also
available with a ceramic base which is highly resistant to severe environments up to
200
°C (model# TGS 816).
* General purpose sensor with sensitivity
to a wide range of combustible
gases
* High sensitivity to methane, propane,
and butane
* Long life and low cost
* Uses simple electrical circuit
Temperature/Humidity Dependency:
Sensitivity Characteristics:
1
1
1000
10000
Concentration (ppm)
3000
5000
500
Air
Carbon
Monoxide
Methane
Ethanol
Propane
Isobutane
Hydrogen
0.1
10
0.70
0.80
0.90
1.0
2.0
-10
0
1020304050
1.5
Ambient Temperature (°C)
0% R.H.
20% R.H.
40% R.H.
65% R.H.
100% R.H.
IMPORTANT NOTE: OPERATING CONDITIONS IN WHICH FIGARO SENSORS ARE USED WILL VARY WITH EACH CUSTOMER’S SPECIFIC APPLICATIONS. FIGARO STRONGLY
RECOMMENDS CONSULTING OUR TECHNICAL STAFF BEFORE DEPLOYING FIGARO SENSORS IN YOUR APPLICATION AND, IN PARTICULAR, WHEN CUSTOMER’S TARGET GASES
ARE NOT LISTED HEREIN. FIGARO CANNOT ASSUME ANY RESPONSIBILITY FOR ANY USE OF ITS SENSORS IN A PRODUCT OR APPLICATION FOR WHICH SENSOR HAS NOT BEEN
SPECIFICALLY TESTED BY FIGARO.


Similar Part No. - TGS813

ManufacturerPart #DatasheetDescription
logo
Figaro Engineering Inc.
TGS8100 FIGARO-TGS8100 Datasheet
386Kb / 2P
Air Contaminants
logo
TriQuint Semiconductor
TGS8122 TRIQUINT-TGS8122 Datasheet
590Kb / 7P
SPDT FET Switch
TGS8122-SCC TRIQUINT-TGS8122-SCC Datasheet
590Kb / 7P
SPDT FET Switch
logo
Figaro Engineering Inc.
TGS816 FIGARO-TGS816 Datasheet
130Kb / 2P
Detection of Combustible Gases
More results

Similar Description - TGS813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGS2611 ETC1-TGS2611 Datasheet
106Kb / 2P
The detection of Methane
logo
Sensortechnics GmbH
AWM2150V SENSORTECHNICS-AWM2150V Datasheet
172Kb / 6P
Mass flow sensor for gases
FBAM030DU SENSORTECHNICS-FBAM030DU Datasheet
101Kb / 5P
Mass flow sensors for gases
FBOM030DB SENSORTECHNICS-FBOM030DB Datasheet
178Kb / 6P
Mass flow sensors for gases
logo
STMicroelectronics
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
Supports the detection of UART
Rev. 0
logo
Figaro Engineering Inc.
TGS816 FIGARO-TGS816 Datasheet
130Kb / 2P
Detection of Combustible Gases
TGS4161 FIGARO-TGS4161 Datasheet
235Kb / 2P
for the detection of Carbon Dioxide
logo
Zhengzhou Winsen Electr...
ZP04 WINSEN-ZP04 Datasheet
425Kb / 7P
Combustible Gas Detection Module
ZP14 WINSEN-ZP14 Datasheet
348Kb / 8P
Combustible Gas Detection Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com