Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS173 Datasheet(PDF) 13 Page - PADAUK Technology.

Part # PFS173
Description  8bit MTP Type MCU with 8-bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS173 Datasheet(HTML) 13 Page - PADAUK Technology.

Back Button PFS173 Datasheet HTML 9Page - PADAUK Technology. PFS173 Datasheet HTML 10Page - PADAUK Technology. PFS173 Datasheet HTML 11Page - PADAUK Technology. PFS173 Datasheet HTML 12Page - PADAUK Technology. PFS173 Datasheet HTML 13Page - PADAUK Technology. PFS173 Datasheet HTML 14Page - PADAUK Technology. PFS173 Datasheet HTML 15Page - PADAUK Technology. PFS173 Datasheet HTML 16Page - PADAUK Technology. PFS173 Datasheet HTML 17Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
PFS173
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 13 of 105
PDK-DS-PFS173-EN_V105-Jun. 19, 2020
Pin Name
Pin Type &
Buffer Type
Description
PA6 /
X2
IO
ST /
CMOS
The functions of this pin can be:
(1) Bit 6 of port A. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) X2 is Crystal XOUT(X2) when crystal oscillator is used.
If this pin is used for crystal oscillator, bit 6 of padier register must be programmed “0”
to avoid leakage current. This pin can be used to wake-up system during sleep mode;
however, wake-up function is also disabled if bit 6 of padier register is “0”.
PA5 /
PRSTB /
PG2PWM
IO (OD)
ST /
CMOS
The functions of this pin can be:
(1) Bit 5 of port A. It can be configured as digital input or open-drain output , with
pull-high resistor.
(2) Hardware reset.
(3) Output of 11-bit PWM generator PWMG2
This pin can be used to wake-up system during sleep mode; however, wake-up
function is also disabled if bit 5 of padier register is “0”.
Please put 33Ω resistor in
series to have high noise immunity when this pin is in input mode.
PA4 /
AD9 /
CIN+ /
CIN1- /
INT1 /
PG1PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 4 of port A. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) Channel 9 of ADC analog input.
(3) Plus input source of comparator
(4) Minus input source 1 of comparator
(5) External interrupt line 1. It can be used as an external interrupt line 1. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting.
(6) Output of 11-bit PWM generator PWMG1
When this pin is configured as analog input, please use bit 4 of register padier to
disable the digital input to prevent current leakage. The bit 4 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.
PA3 /
AD8 /
CIN0- /
TM2PWM /
PG2PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 3 of port A. It can be configured as digital input or two-state output, with
pull-high resistor.
(2) Channel 8 of ADC analog input
(3) Minus input source 0 of comparator
(4) PWM output from Timer2
(5) Output of 11-bit PWM generator PWMG2
When this pin is configured as analog input, please use bit 3 of register padier to
disable the digital input to prevent current leakage. The bit 3 of padier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com