Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS173 Datasheet(PDF) 21 Page - PADAUK Technology.

Part # PFS173
Description  8bit MTP Type MCU with 8-bit ADC
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS173 Datasheet(HTML) 21 Page - PADAUK Technology.

Back Button PFS173 Datasheet HTML 17Page - PADAUK Technology. PFS173 Datasheet HTML 18Page - PADAUK Technology. PFS173 Datasheet HTML 19Page - PADAUK Technology. PFS173 Datasheet HTML 20Page - PADAUK Technology. PFS173 Datasheet HTML 21Page - PADAUK Technology. PFS173 Datasheet HTML 22Page - PADAUK Technology. PFS173 Datasheet HTML 23Page - PADAUK Technology. PFS173 Datasheet HTML 24Page - PADAUK Technology. PFS173 Datasheet HTML 25Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
PFS173
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 21 of 105
PDK-DS-PFS173-EN_V105-Jun. 19, 2020
4.4. Typical IHRC frequency deviation vs. VDD (calibrated to 16MHz)
IHRC Frequency Deviation vs. VDD
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
6.0
5.6
5.2
4.8
4.4
4.0
3.6
3.2
2.8
2.4
2.0
VDD (Volt)
Avg.
4.5. Typical ILRC Frequency vs. Temperature
ILRC Drift
80
85
90
95
100
105
110
-40 -30 -20 -10
0
10 25 35 45 55 65 75 85
Temperature (degree C)
VDD=5.0V
VDD=4.0V
VDD=3.3V
VDD=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com