Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 75Page - Microchip Technology PIC16F15213 Datasheet HTML 76Page - Microchip Technology PIC16F15213 Datasheet HTML 77Page - Microchip Technology PIC16F15213 Datasheet HTML 78Page - Microchip Technology PIC16F15213 Datasheet HTML 79Page - Microchip Technology PIC16F15213 Datasheet HTML 80Page - Microchip Technology PIC16F15213 Datasheet HTML 81Page - Microchip Technology PIC16F15213 Datasheet HTML 82Page - Microchip Technology PIC16F15213 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 420 page
background image
Figure 11-1. Clock Source Block Diagram
Filename:
152xx Clock Block Diagram.vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
Rev. 152x x Cloc
1/23/2020
FRQ[2:0]
HFINTOSC
External
Oscillator
(EXTOSC)
CLKIN
ECIN
31kHz
Oscillator
01
00
10
11
COSC[1:0]
LFINTOSC
1
– 32 MHz
Oscillator
Sleep
Sleep
SYSCMD
System Clock
Peripheral
Clock
To Peripherals
2x PLL Mode
MFINTOSC
To Peripherals
To Peripherals
31.25 kHz
500 kHz
11.2
Clock Source Types
Clock sources can be classified as external or internal.
External clock sources rely on external circuitry for the clock source to function. Examples of external clock sources
include:
• Digital oscillator modules
Internal clock sources are contained within the oscillator module. The internal oscillator block features two internal
oscillators that are used to generate internal system clock sources. The High-Frequency Internal Oscillator
(HFINTOSC) can produce a wide range of frequencies which are determined via the HFINTOSC Frequency Selection
(OSCFRQ) register. The Low-Frequency Internal Oscillator (LFINTOSC) generates a fixed nominal 31 kHz clock
signal. The internal oscillator block also features an RC oscillator (ADCRC) which is dedicated to the Analog-to-
Digital Converter (ADC).
The instruction clock (FOSC/4) can be routed to the CLKOUT pin when the pin is not in use. The Clock Out Enable
(CLKOUTEN) Configuration bit controls the functionality of the CLKOUT signal. When CLKOUTEN is clear
(CLKOUTEN = 0), the CLKOUT signal is routed to the CLKOUT pin. When CLKOUTEN is set (CLKOUTEN = 1), the
CLKOUT pin functions as an I/O pin.
11.2.1
External Clock Sources
An external clock source can be used as the device system clock by performing the following actions:
• Program the RSTOSC Configuration bits to select an external clock source that will be used as the default
system clock upon a device Reset.
• Program the FEXTOSC Configuration bits to select either the ECH (16 MHz and higher) or ECL (below 16 MHz)
mode based on the frequency of the external clock.
11.2.1.1 EC Mode
The External Clock (EC) mode allows an externally generated logic level signal to be the system clock source. When
operating in EC mode, an external clock source is connected to the CLKIN input pin. The CLKOUT pin is available as
a general purpose I/O pin or as the CLKOUT signal pin.
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS40002195A-page 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com