Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 76Page - Microchip Technology PIC16F15213 Datasheet HTML 77Page - Microchip Technology PIC16F15213 Datasheet HTML 78Page - Microchip Technology PIC16F15213 Datasheet HTML 79Page - Microchip Technology PIC16F15213 Datasheet HTML 80Page - Microchip Technology PIC16F15213 Datasheet HTML 81Page - Microchip Technology PIC16F15213 Datasheet HTML 82Page - Microchip Technology PIC16F15213 Datasheet HTML 83Page - Microchip Technology PIC16F15213 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 420 page
background image
EC mode provides two power mode selections:
• ECH: High-power mode
• ECL: Low-power mode
When EC mode is selected, there is no delay in operation after a Power-on Reset (POR) or wake-up from Sleep.
Because the PIC
® MCU design is fully static, stopping the external clock input will have the effect of halting the device
while leaving all data intact. Upon restarting the external clock, the device will resume operation as if no time had
elapsed.
Figure 11-2 shows the pin connections for EC mode.
Figure 11-2. External Clock (EC) Mode Operation
Filename:
External Clock (EC) Mode Operation.vsdx
Title:
Last Edit:
1/8/2020
First Used:
Notes:
Rev. Ex ternal C
1/8/2020
PIC
® MCU
CLKIN
CLKOUT
External Clock
Source
CLKOUT (FOSC / 4)
or I/O
(1)
Note: 
1.
Output depends on the setting of the CLKOUTEN Configuration bit.
11.2.2
Internal Clock Sources
The internal oscillator block contains two independent oscillators that can produce two internal system clock sources:
• High-Frequency Internal Oscillator (HFINTOSC)
• Low-Frequency Internal Oscillator (LFINTOSC)
An internal oscillator source can be used as the device system clock by programming the RSTOSC Configuration bits
to select one of the INTOSC sources.
In INTOSC mode, the CLKIN and CLKOUT pins are available for use as general purpose I/Os, provided that no
external oscillator is connected. The function of the CLKOUT pin is determined by the CLKOUTEN Configuration bit.
When CLKOUTEN is set (CLKOUTEN = 1), the pin functions as a general purpose I/O. When CLKOUTEN is clear
(CLKOUTEN = 0), the system instruction clock (FOSC/4) is available as an output signal on the pin.
11.2.2.1 HFINTOSC
The High-Frequency Internal Oscillator (HFINTOSC) is a factory-calibrated, precision digitally-controlled internal
clock source that produces a wide range of stable clock frequencies. The HFINTOSC can be enabled by
programming the RSTOSC Configuration bits to select the one of two HFINTOSC options upon device Reset or
power-up.
The HFINTOSC frequency is selected via the HFINTOSC Frequency Selection (FRQ) bits. Fine-tuning of the
HFINTOSC is done via the HFINTOSC Frequency Tuning (TUN) bits.
11.2.2.1.1 HFINTOSC Frequency Tuning
The HFINTOSC frequency can be fine-tuned via the HFINTOSC Tuning Register (OSCTUNE). The OSCTUNE
register provides small adjustments to the HFINTOSC nominal frequency.
The OSCTUNE register contains the HFINTOSC Frequency Tuning (TUN) bits. The TUN bits default to a 6-bit, two’s
compliment value of 0x00, which indicates that the oscillator is operating at the selected frequency. When a value
between 0x01 and 0x1F is written to the TUN bits, the HFINTOSC frequency is increased. When a value between
0x3F and 0x20 is written to the TUN bits, the HFINTOSC frequency is decreased.
When the OSCTUNE register is modified, the oscillator will begin to shift to the new frequency. Code execution
continues during this shift. There is no indication that the frequency shift occurred.
PIC16F15213/14/23/24/43/44
OSC - Oscillator Module
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS40002195A-page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com