Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F15213 Datasheet(PDF) 103 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Full-Featured 8/14/20-Pin Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 103 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 99Page - Microchip Technology PIC16F15213 Datasheet HTML 100Page - Microchip Technology PIC16F15213 Datasheet HTML 101Page - Microchip Technology PIC16F15213 Datasheet HTML 102Page - Microchip Technology PIC16F15213 Datasheet HTML 103Page - Microchip Technology PIC16F15213 Datasheet HTML 104Page - Microchip Technology PIC16F15213 Datasheet HTML 105Page - Microchip Technology PIC16F15213 Datasheet HTML 106Page - Microchip Technology PIC16F15213 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 420 page
background image
14.
WDT - Watchdog Timer
The Watchdog Timer (WDT) is a system timer that generates a Reset event if the firmware does not issue a CLRWDT
instruction within the time-out period. The Watchdog Timer is typically used to reset the processor in the event of a
software malfunction, but can also be used to wake the device when in Sleep mode.
The WDT has the following features:
• Selectable clock sources
• Multiple operating modes:
– WDT is always on
– WDT is off when in Sleep
– WDT is controlled by software
– WDT is always off
• Configurable time-out period from 1 ms to 256 seconds (nominal)
• Multiple Reset conditions
• Operation during Sleep
Figure 14-1. Watchdog Timer (WDT) Block Diagram
Filename:
WDT Block Diagram.vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
Rev. WDT Bloc k
1/23/2020
23-bit WDT Prescaler
Counter
PS[4:0]
WDT
Time-out
CS
1
0
WDTE[1:0] =
01
SEN
WDTE[1:0] =
11
WDTE[1:0] =
10
Sleep
WDTE[1:0] =
00
14.1
Selectable Clock Sources
The WDT can derive its time base from either the 31.25 kHz MFINTOSC or the 31 kHz LFINTOSC as selected by the
WDT Clock Source Select (CS) bit.
Important:  Time intervals detailed in this chapter are based on a minimum nominal interval of 1 ms
generated from the LFINTOSC clock source.
14.2
WDT Operating Modes
The WDT module has four operating modes controlled by the Watchdog Timer Enable (WDTE) bits. See Table 14-1.
Table 14-1. WDT Operating Modes
WDTE[1:0]
SEN
Device Mode
WDT Mode
11
x
X
Active
PIC16F15213/14/23/24/43/44
WDT - Watchdog Timer
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS40002195A-page 103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com