Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 20Page - Texas Instruments TLV7021 Datasheet HTML 21Page - Texas Instruments TLV7021 Datasheet HTML 22Page - Texas Instruments TLV7021 Datasheet HTML 23Page - Texas Instruments TLV7021 Datasheet HTML 24Page - Texas Instruments TLV7021 Datasheet HTML 25Page - Texas Instruments TLV7021 Datasheet HTML 26Page - Texas Instruments TLV7021 Datasheet HTML 27Page - Texas Instruments TLV7021 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
0.1 uF
Package
Body
Outline
OUT
VCC
IN+
IN-
4 mil VIA
Bottom-Layer
Trace
Top-Layer
Trace
Top-View
8 mil VIA
24
TLV7011, TLV7021, TLV7012, TLV7022
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9 Power Supply Recommendations
The TLV701x and TLV702x have a recommended operating voltage range (VS) of 1.6 V to 5.5 / 6.5 V. VS is
defined as VCC – VEE. Therefore, the supply voltages used to create VS can be single-ended or bipolar. For
example, single-ended supply voltages of 5 V and 0 V and bipolar supply voltages of +2.5 V and –2.5 V create
comparable operating voltages for VS. However, when bipolar supply voltages are used, it is important to realize
that the logic low level of the comparator output is referenced to VEE.
Output capacitive loading and output toggle rate will cause the average supply current to rise over the quiescent
current.
10 Layout
10.1 Layout Guidelines
To reduce PCB fabrication cost and improve reliability, TI recommends using a 4-mil via at the center pad
connected to the ground trace or plane on the bottom layer.
A power-supply bypass capacitor of 100 nF is recommended when supply output impedance is high, supply
traces are long, or when excessive noise is expected on the supply lines. Bypass capacitors are also
recommended when the comparator output drives a long trace or is required to drive a capacitive load. Due to
the fast rising and falling edge rates and high-output sink and source capability of the TLV7011 and TLV7021
output stages, higher than normal quiescent current can be drawn from the power supply. Under this
circumstance, the system would benefit from a bypass capacitor across the supply pins.
10.2 Layout Example
Figure 42. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com