Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7021
Description  TLV701x and TLV702x Small-Size, Low-Power, Low-Voltage Comparators
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7021 Datasheet(HTML) 3 Page - Texas Instruments

  TLV7021 Datasheet HTML 1Page - Texas Instruments TLV7021 Datasheet HTML 2Page - Texas Instruments TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
V
CC
IN
-
OUT
V
EE
IN+
1
2
3
5
4
1
OUT
2
V
CC
3
V
EE
4
IN
±
5
IN+
Not to scale
3
TLV7011, TLV7021, TLV7012, TLV7022
www.ti.com
SLVSDM5F – SEPTEMBER 2017 – REVISED MARCH 2020
Product Folder Links: TLV7011 TLV7021 TLV7012 TLV7022
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
•
Added Figure 7 .................................................................................................................................................................... 10
•
Added Figure 10 ................................................................................................................................................................... 10
•
Removed some Typical Characteristics graphs .................................................................................................................. 13
•
Added content to the Inputs section ..................................................................................................................................... 15
•
Added the IR Receiver Analog Front End section................................................................................................................ 20
(1)
I = Input, O = Output, P = Power
Changes from Original (May 2017) to Revision A
Page
•
Changed device status from ADVANCED INFO to PRODUCTION DATA ............................................................................ 1
5 Pin Configuration and Functions
DPW Package
5-Pin X2SON
Top View
DBV and DCK Package
5-Pin SOT-23 and SC70
Top View
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
X2SON
SOT-23, SC70
OUT
1
1
O
Output
VCC
2
5
P
Positive (highest) power supply
VEE
3
2
P
Negative (lowest) power supply
IN–
4
4
I
Inverting input
IN+
5
3
I
Noninverting input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com