Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW968 Datasheet(PDF) 2 Page - DFI Inc

Part # BW968
Description  Intel Pentium/Celeron Processor N3000 Family COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BW968 Datasheet(HTML) 2 Page - DFI Inc

  BW968 Datasheet HTML 1Page - DFI Inc BW968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Packing List
Optional Items
Ordering Information
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 10, 2019 DFI Inc.
BW968
SYSTEM
Processor
Intel® Pentium®/Celeron® Processor N3000 Family, BGA 1170
Intel® Atom™ Processor x5-E8000, Quad Core, 2M Cache, 1.04GHz, 5W
Intel® Pentium® Processor N3710, Quad Core, 2M Cache, 1.6GHz (2.56GHz), 6W
Intel® Celeron® Processor N3160, Quad Core, 2M Cache, 1.6GHz (2.24GHz), 6W
Intel® Celeron® Processor N3060, Dual Core, 2M Cache, 1.6GHz (2.48GHz), 6W
Intel® Celeron® Processor N3010, Dual Core, 2M Cache, 1.04GHz (2.24GHz), 4W
Memory
Two 204-pin SODIMM up to 8GB
Dual Channel DDR3L 1600MHz
BIOS
Insyde SPI 64Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 4.2, Direct X 11.1, OpenCL 1.2, OGL ES 3.0
HW Decode: H.264, MPEG2, VC1, VP8, H.265, MPEG4
HW Encode: H.264, MPEG2, MPEG4
Display
1 x VGA/DDI (DDI available upon request)
1 x LVDS/eDP (eDP available upon request)
1 x DDI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 2560x1440 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30Hz or 2560x1600 @ 60Hz
DP: resolution up to 3840x2160 @ 30Hz or 2560x1600 @ 60Hz
Triple Displays
VGA + LVDS + DDI
DDI + eDP + DDI (available upon request)
EXPANSION
Interface
3 x PCIe x1 (Gen 2)
1 x LPC
1 x I2C
1 x SMBus
2 x Serial (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I211AT PCIe (10/100/1000Mbps)
I/O
USB
4 x USB 3.0
8 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Available Upon Request
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Consumption
Typical: N3710: 12V @ 0.28A (3.41Watt
Max.: N3710: 12V @ 0.61A (7.35Watt)
OS SUPPORT
Windows 8.1 64-bit
Windows 7 (/WES7) 32/64-bit
Windows 10 IoT Enterprise 64-bit
Debian 8 (with VESA graphic driver)
CentOS 7 (with VESA graphic driver)
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 10 to 90% RH
Storage: 10 to 90% RH
MTBF
746,818 hrs @ 25°C; 402,691 hrs @ 45°C; 241,711 hrs @ 60°C
Calculation Model: Telcordia Issue 2, Method Case 3
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
COM Express® Compact
95mm (3.74") x 95mm (3.74")
Compliance
PICMG COM Express® R2.1, Type 6
Model Name
P/N
Processor Memory
VGA/DDI LVDS/eDP GbE
USB 3.0
USB 2.0
Power
Thermal
Temp.
BW968-BS-N3710 770-BW9681-000G N3710
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC
BW968-BS-N3060 770-BW9681-200G N3060
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC
BW968-BS-E8000 770-BW9681-300G x5-E8000
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC
• 1 BW968 board
• 1 Heat sink (Height: TBD)
TBD
• COM332-B carrier board kit
770-CM3321-000G
• Heat spreader (Height: 11mm)
A71-011070-000G
Note: N3160 and N3010 are supported upon request with MOQ requirement.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com