Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BW968 Datasheet(PDF) 1 Page - DFI Inc

Part # BW968
Description  Intel Pentium/Celeron Processor N3000 Family COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

BW968 Datasheet(HTML) 1 Page - DFI Inc

  BW968 Datasheet HTML 1Page - DFI Inc BW968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
BW968
Features
CPU Fan
DDR3L
SODIMM
Intel Pentium/
Celeron
EEPROM
SATA 3.0 2x
USB 3.0 4x
SMBus
Pentium/Celeron
N3000 Family
Intel® GLAN
I211AT
MDI
SPI Flash
SPI Bus
DDR3L 1600MHz
SODIMM
Channel A
PCIe x1
PCIe x1 (3 x1/1 x2, 1 x1)
LPC Bus
8-bit DIO
WDT
I2C Bus
TPM
1.2/2.0
(optional)
Serial Port 0,1
Fan PWM/
TACH_IN
SLP/LID
TCA6408A
Embedded
Controller
IT8518E
DDR3L 1600MHz
SODIMM
Channel B
DDI Port 1
HDA
USB 2.0 4x
USB 2.0
USB2517
USB 2.0 4x
eDP/DDI
(optional)
PTN3460
LVDS
(optional)
DDI
(optional)
CH7517
VGA
DDI Port 2
Top View
0.00
4.00
80.00
4.00
91.00
95.00
Bottom View
0.00
16.50
74.20
101
95
101
95
Atom
Intel® Pentium®/Celeron® Processor N3000 Family
COM Express® Compact
• Dual channel DDR3L 1600MHz SODIMM up to 8GB
• Three independent displays: VGA*/DDI + LVDS*/eDP + DDI
• DP++ resolution supports up to 3840x2160 @ 30Hz
• Multiple expansion: 3 PCIe x1, 1 LPC, 1 I2C, 1 SMBus
• Rich I/O: 1 Intel GbE, 4 USB 3.0, 8 USB 2.0
R
2.1
Type
6
SATA 3.0
DDR3L
3 Displays
4K2K
Display
3840x2160
* Populated by default


Similar Part No. - BW968

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BW968 GSR-BW968 Datasheet
404Kb / 2P
Computer-on-Modules
More results

Similar Description - BW968

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867_15 Datasheet
992Kb / 2P
Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-7568 ADVANTECH-SOM-7568_15 Datasheet
705Kb / 2P
Intel짰 Pentium??& Celeron??N3000 Series COM Express Mini Module
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-6868 ADVANTECH-SOM-6868 Datasheet
955Kb / 2P
Intel Pentium and Celeron N3000 Series
logo
Axiomtek Co., Ltd.
CEM842 AXIOMTEK-CEM842_17 Datasheet
229Kb / 1P
COM Express Type 6 Compact Module with Intel Celeron Processor J1900/N2807
CEM300 AXIOMTEK-CEM300_17 Datasheet
286Kb / 1P
COM Express Type 10 Mini Module with Intel Pentium & Celeron N3000 Series
CEM311 AXIOMTEK-CEM311 Datasheet
272Kb / 1P
COM Express Type 10 Mini Module with Intel Pentium Processor N4200 & Celeron
logo
Advantech Co., Ltd.
SOM-7568 ADVANTECH-SOM-7568 Datasheet
823Kb / 2P
Intel Pentium/Celeron N3000 Series
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
Intel Atom/Celeron Processor COM Express Mini Module
logo
DFI Inc
BW051 DFI-BW051 Datasheet
755Kb / 2P
Intel Pentium/Celeron Processor N3000 Family 2.5 Pico-ITX
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com