Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL968 Datasheet(PDF) 2 Page - DFI Inc

Part # AL968
Description  Intel Atom Processor E3900 Series COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL968 Datasheet(HTML) 2 Page - DFI Inc

  AL968 Datasheet HTML 1Page - DFI Inc AL968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 10, 2019 DFI Inc.
AL968
SYSTEM
Processor
Intel Atom® Processor E3900 Series, BGA 1296
Intel Atom® x7-E3950 Processor, Quad Core, 2M Cache, 1.6GHz (2.0GHz), 12W
Intel Atom® x5-E3940 Processor, Quad Core, 2M Cache, 1.6GHz (1.8GHz), 9.5W
Intel Atom® x5-E3930 Processor, Dual Core, 2M Cache, 1.3GHz (1.8GHz), 6.5W
Intel® Pentium® Processor N4200, Quad Core, 2M Cache, 1.1GHz (2.5GHz), 6W
Intel® Celeron® Processor N3350, Dual Core, 2M Cache, 1.1GHz (2.4GHz), 6W
Memory
Two 204-pin SODIMM up to 8GB
Dual Channel DDR3L 1600MHz
BIOS
AMI SPI 128Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1, WMV9, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
HW Encode: AVC/H.264, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
Display
1 x VGA/DDI (DDI available upon request)
1 x LVDS/eDP (eDP available upon request)
1 x DDI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 3840x2160 @ 60Hz
HDMI: resolution up to 3840x2160 @ 30Hz
DP++: resolution up to 4096x2160 @ 60HZ
Triple Displays
VGA + LVDS + DDI
DDI + eDP + DDI (available upon request)
EXPANSION
Interface
4 x PCIe x1 (Gen 2)
1 x SDIO (available upon request)
1 x LPC
1 x I2C
1 x SMBus
1 x SPI
2 x UART (TX/RX)
eMMC
1 x 8GB/16GB/32GB eMMC (available upon request)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I211AT (10/100/1000Mbps) (0°C to 60°C) or
1 x Intel® I210IT (10/100/1000Mbps) (-40°C to 85°C)
I/O
USB
4 x USB 3.0
8 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Available Upon Request
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Consumption
Typical: E3950: 12V @ 0.3551A (4.2612W)
Max.: E3950: 12V @ 1.9213A (23.0556W)
OS SUPPORT
(UEFI ONLY)
Windows: Windows 10 IoT Enterprise 64-bit Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 10 to 90% RH
Storage: 10 to 90% RH
MTBF
707,110 hrs @ 25°C; 416,227 hrs @ 45°C; 263,460 hrs @ 60°C
Calculation model: Telcordia Issue 2
Environment: GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
COM Express® Compact
95mm (3.74") x 95mm (3.74")
Compliance
PICMG COM Express® R2.1, Type 6
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC
• 1 AL968 board
• 1 Heat sink (Height: 22.6mm)
500G~800G: A71-008104-000G
900G: A71-008104-010G
• COM332-B carrier board kit
770-CM3321-000G
• Heat spreader (Height: 11mm)
A71-808306-000G
Ordering Information
Model Name
P/N
Processor Memory
VGA/DVI LVDS/eDP GbE
USB 3.0
USB 2.0
Power
Thermal
Temp.
AL968-BS0-E3950 770-AL9681-500G x7-E3950
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC
AL968-TS0-E3940 770-AL9681-600G x7-E3940
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
-40 to 85oC
AL968-BS0-E3940 770-AL9681-700G x7-E3940
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC
AL968-BS0-E3930 770-AL9681-800G x7-E3930
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC
AL968-BS0-N4200 770-AL9681-900G N4200
2 SODIMM VGA
LVDS
1
4
8
ATX/AT
Fanless
0 to 60oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com