Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL968 Datasheet(PDF) 1 Page - DFI Inc

Part # AL968
Description  Intel Atom Processor E3900 Series COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

AL968 Datasheet(HTML) 1 Page - DFI Inc

  AL968 Datasheet HTML 1Page - DFI Inc AL968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
AL968
Features
DDR3L
SODIMM
EEPROM
2x SATA 3.0
4x USB 3.0
SMBus
Intel Atom® Processor
E3900 Series
Intel® GLAN
I211AT/I210IT
MDI
SPI Flash
SPI Bus
DDR3L 1600MHz
SODIMM
Channel A
PCIe x1
4x PCIe x1 (1 x4/2 x2/1 x2, 2 x1/4 x1)
LPC Bus
8-bit DIO
WDT
I2C Bus
Serial Port 0,1
Fan PWM/
TACH_IN
SLP/LID
TCA6408A
Embedded
Controller
IT8528E
DDR3L 1600MHz
SODIMM
Channel B
DDI Port 1
HDA
8x USB 2.0
eDP/DDI
PTN3460
LVDS
PTN3355
VGA
e.MMC 5.0
MMC
SATA 3.0 port 1 is optional with USB 3.0 port 5
TPM 1.2/2.0
(Option)
Bottom View
Top View
4
80
91
95
7
15
76
17
95
4
Atom
Intel Atom®Processor E3900 Series
COM Express® Compact
• Dual channel DDR3L 1600MHz SODIMM up to 8GB
• Three independent displays: VGA*/DDI + LVDS*/eDP + DDI
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansion: 4 PCIe x1, 1 LPC, 1 I2C, 1 SMBus, eMMC
• Rich I/O: 1 Intel GbE, 4 USB 3.0, 8 USB 2.0, 2 SATA 3.0
R
2.1
Type
6
3 Displays
* Populated by default
Wide
Temperature
-400C
850C
Intel Atom®
Processor E3900
Series
eMMC


Similar Part No. - AL968

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
AL968 GSR-AL968 Datasheet
402Kb / 2P
Computer-on-Modules
More results

Similar Description - AL968

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867_15 Datasheet
992Kb / 2P
Intel Atom/Celeron Processor COM Express Type 6 Compact Module
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
Intel Atom/Celeron Processor COM Express Type 6 Compact Module
logo
Axiomtek Co., Ltd.
CEM843 AXIOMTEK-CEM843 Datasheet
272Kb / 1P
COM Express Type 6 Compact Module with Intel Atom Processor E3845
logo
Advantech Co., Ltd.
SOM-7567 ADVANTECH-SOM-7567 Datasheet
1Mb / 2P
Intel Atom/Celeron Processor COM Express Mini Module
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com