Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS551 Datasheet(PDF) 2 Page - DFI Inc

Part # CS551
Description  9th/8th Gen Intel Core 3.5CBS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS551 Datasheet(HTML) 2 Page - DFI Inc

  CS551 Datasheet HTML 1Page - DFI Inc CS551 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ordering Information
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 19, 2020 DFI Inc.
CS551
SYSTEM
Processor
8th Gen Intel® Core™ Processors, LGA 1151 Socket
Intel® Core i7-8700T Processor (6C/12T; Max speed 4.0 GHz; TDP 35W)
Intel® Core i5-8500T Processor (6C/6T; Max speed 3.5GHz; TDP 35W)
Intel® Core i3-8100T Processor (4C/4T; Max speed 3.1GHz; TDP 35W)
Intel® Pentium G5400T Processor (2C/4T; Max speed 3.1GHz; TDP 35W)
Intel® Pentium G4900T Processor (2C/2T; Max speed 2.9GHz; TDP 35W)
9th Gen Intel® Core™ Processors, LGA 1151 Socket
Intel® Core i7-9700TE Processor (8C/8T; Max speed 3.6GHz; TDP 35W)
Intel® Core i5-9500TE Processor (6C/6T; Max speed 3.6GHz; TDP 35W)
Intel® Core i3-9100TE Processor (4C/4T; Max speed 3.2GHz; TDP 35W)
Memory
One 260-pin SODIMM up to 32GB
Single Channel DDR4 2666MHz
C246 with ECC Support: Intel® Core i3-8100T/9100TE/Pentium
G5400T/Pentium G4900T
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® UHD 630 Graphics GT Series
Feature
OpenGL 4.6, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2 (H.262), VC1, JPEG/MJPEG, HEVC/H.265, VP8, VP9, VP10
HW Encode: AVC/H.264, MPEG2 (H.262), JPEG/MJPEG, HEVC/H.265, VP8, VP9
Display
1 x LVDS
2 x DP++
LVDS: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2304 @ 60Hz
Triple Displays
LVDS + DP++ + DP++
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe x1 up to Gen3/USB 2.0) (C246/Q370 opt.: USB 3.1 Gen1/USB 2.0)
1 x M.2 2280 M key (C246/Q370: NVMe PCIe x4/SATA 3.0; H310: NVMe PCIe x1/SATA 3.0)
1 x SIM slot (opt. for 3G/4G module)
AUDIO
Audio Codec
Realtek ALC262
ETHERNET
Controller
Intel® I211AT PCIe (10/100/1000Mbps) or Intel® I210IT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1 Gen2 (C246/Q370) or Gen1 (H310)
Display
2 x DP++
INTERNAL I/O
Serial
1 x RS-232/422/485 (2.0mm pitch)
USB
2 x USB 2.0 (2.0mm pitch)
Display
1 x LVDS LCD Panel Connector
1 x LVDS Backlight
Audio
1 x Audio (Line-out/Mic-in)
SATA
1 x SATA 3.0 (up to 6Gb/s)
1 x SATA Power
DIO
1 x 8-bit DIO
Heater
1 x heater 12V header (wide temp. only)
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
fTPM 2.0
POWER
Type
12VDC
Connector
Vertical Type Connector (4-pin) (default)
DC Jack (available upon request)
Consumption
TBD
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64-bit RS1/RS5
Linux
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C for 35W/100C CPU (fanless); 35W 100C, 82C CPU (fan)
-30 to 80°C for 15W TDP down/100C CPU (fanless); 35W/100C CPU (fan)
Note: -30°C can add heater/polyfilm for mother board warm up.
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
3.5" SBC Form Factor
146mm (5.75") x 102mm (4.02")
Height
PCB: 1.6mm
Top Side: 16.3mm, Bottom Side: 4.0 mm
CERTIFICATIONS
CE, FCC, RoHS
Model Name
P/N
Memory
GbE RS-232/422/485 USB 3.1 Gen2 USB 3.1 Gen1 USB 2.0 Power
Temp.
CS551-C246-BCA
770-CS5511-000G
1 SODIMM
2
1
4
0
2
12V
-5 to 65oC
CS551-H310-BCA
770-CS5511-100G
1 SODIMM
2
1
0
4
2
12V
-5 to 65oC
CS551-Q370-BCA
770-CS5511-200G
1 SODIMM
2
1
4
0
2
12V
-5 to 65oC
CS551-C246-ECA
770-CS5511-300G
1 SODIMM
2
1
4
0
2
12V
-30 to 80°C
CS551-H310-ECA
770-CS5511-400G
1 SODIMM
2
1
0
4
2
12V
-30 to 80°C
CS551-Q370-ECA
770-CS5511-500G
1 SODIMM
2
1
4
0
2
12V
-30 to 80°C
Packing List
Optional Items
• 1 CS551 board
• 1 COM port cable (Length: 250mm, 1 x COM port)
332-753040-000G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 Serial ATA power cable (Length: 250mm)
A81-004041-016G
• USB port cable (Length: 200mm)
A81-001032-016G
• Power adapter (100W, 12V)
671-110006-100G
• 4 pin to DC jack cable (Length: 100mm)
A81-004051-016G
• Audio cable (Length: 160mm)
A81-022007-016G
• Cooler fan (Height: 34.6mm)
A71-101303-000G
• Heat sink (Height: 43mm)
A71-001302-000G
• Heater
TBD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com