Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS551 Datasheet(PDF) 1 Page - DFI Inc

Part # CS551
Description  9th/8th Gen Intel Core 3.5CBS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS551 Datasheet(HTML) 1 Page - DFI Inc

  CS551 Datasheet HTML 1Page - DFI Inc CS551 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
18.98
102
0
22
96
98.40
9th/8th Gen Intel® CoreTM
3.5" SBC
Mechanical Drawing
Block Diagram
Features
CS551
Channel A
2666MHz
Audio Jack
(Line-out, Mic-in)
C246
/Q370
/H310
DDR4 DIMM 1x
LGA 1151
DDI
DP++
ALC262
Digital I/O 8-bit
SMBus
SMBus
DDI
DP++
Full Size
Mini PCIe
USB 2.0
PCIe x1
(opt.: USB 3.1 Gen1)
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
USB 2.0
LPC
USB 2.0 2x
RS232/422/485 1x
SATA 3.0
SATA 1x
LPC
LPC Header
PCIe x1/PCIe x4
M.2 M key
MDI
LVDS
PTN3460 eDP
USB 3.1 Gen 1/2
USB 2.0
PCIe x1
GLAN I211AT/
I210IT (opt.)
MDI
USB 3.1 Gen 1/2
USB 2.0
LAN 1x
USB 3.1 Gen 1/2 2x
USB 3.1 Gen 1/2 2x
PCIe x1
GLAN I211AT/
I210IT (opt.)
MDI
LAN 1x
SATA 3.0
3G/4G
SIM slot (opt.)
• 1 DDR4 SODIMM up to 32GB
• Three independent displays: LVDS + DP++ + DP++
• DP++ resolution up to 4096x2304 @ 60Hz
• Multiple expansion: 1 M.2 M Key, 1 Mini PCIe
• Rich I/O: 2 Intel GbE, 4 USB 3.1, 2 USB 2.0
DP++
Top View
Bottom View
Mini PCIe
USB 3.1
Gen2
LAN 2
SATA 3.0
DP++
DC-in
LVDS
DDR4
SODIMM
CPU Fan
M.2 2280 M key
Intel Core
i7/i5/i3
4K2K
Display
4096x2304
6 USB
DDR4
Coming Soon
USB 2.0
SIM Card
(opt.)
C246/
Q370/H310
LAN 1
DIO
Audio
Front Panel
LVDS Backlight
SATA Power
SMBus
COM


Similar Part No. - CS551

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
CS5510 CIRRUS-CS5510 Datasheet
233Kb / 26P
16-bit and 20-bit, 8-pin ?誇 ADCs
CS5510-AS CIRRUS-CS5510-AS Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
CS5510-ASZ CIRRUS-CS5510-ASZ Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
CS5510-ASZ CIRRUS-CS5510-ASZ Datasheet
233Kb / 26P
16-bit and 20-bit, 8-pin ?誇 ADCs
More results

Similar Description - CS551

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
WL551 DFI-WL551 Datasheet
781Kb / 4P
8th Gen Intel Core 3.5
logo
Advantech Co., Ltd.
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
logo
BCM Advanced Research.
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com