Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB968 Datasheet(PDF) 2 Page - DFI Inc

Part # KB968
Description  AMD Embedded G-Series SoC COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KB968 Datasheet(HTML) 2 Page - DFI Inc

  KB968 Datasheet HTML 1Page - DFI Inc KB968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APU (Accelerated Processing Unit)
• AMD® Embedded G-Series SoC FT3 BGA
• 28nm process technology
Please refer to the Ordering Information below
SYSTEM MEMORY
• One 204-pin DDR3 SODIMM socket
• Supports DDR3 1066/1333/1600MHz
• Supports single channel memory interface
• Supports up to 8GB system memory
• DRAM device technologies: 1Gb, 2Gb, 4Gb and 8Gb DDR3 DRAM
technologies are supported for x8 and x16 devices, unbuffered, non-ECC
ONBOARD GRAPHICS FEATURES
• Advanced discrete-level GPU integrated in the processor
• Supports VGA, DP/LVDS and DP interfaces
• VGA: resolution up to 2048x1536 @ 60Hz
• LVDS: 18-bit, single channel, resolution up to 1600x900 @ 60Hz
• DP: resolution up to 4096x2160 @ 30Hz
• Supports hardware acceleration for DirectX 11.1, H.264, MPEG-2, MPEG-4 AVC,
VC-1 and WMV
ONBOARD AUDIO FEATURES
• Supports High Definition Audio interface
ONBOARD LAN FEATURES
• Intel® WGI210AT Gigabit Ethernet Controller
• Integrated 10/100/1000 transceiver
• Fully compliant with IEEE 802.3, IEEE 802.3u, IEEE 802.3ab
SERIAL ATA (SATA) INTERFACE
• Supports 2 Serial ATA interfaces
• SATA 3.0 with data transfer rate up to 6Gb/s
• Integrated Advanced Host Controller Interface (AHCI) controller
SSD*
• 2GB/4GB/8GB/16GB/32GB/64GB
• Write: 30MB/sec (max), Read: 70MB/sec (max)
• SATA to SSD onboard
TRUSTED PLATFORM MODULE (TPM)*
• Provides a Trusted PC for secure transactions
• Provides software license protection, enforcement and password protection
WATCHDOG TIMER
• Watchdog timeout programmable via software from 1 to 255 seconds
EXPANSION INTERFACES
• Supports 8 USB 2.0 ports (first 2 USB ports support up to USB 3.0)
• Supports 1 PCIe x4 (GFX)
• Supports 4 PCIe x1 (GPP, GPP3 is connected to onboard LAN by default)
• Supports LPC interface
• Supports I2C interface
• Supports SMBus interface
• Supports 2 serial interfaces (TX/RX)
• Supports 8-bit Digital I/O
DAMAGE FREE INTELLIGENCE
• Monitors APU temperature
• Monitors APU fan speed
• Monitors APU_VDD/APU_VDDNB/APU_VDDIO_SUS/1V8/0V95 voltages
• Watchdog timer function
BIOS
• 32Mbit SPI BIOS
POWER CONSUMPTION
• KB968-GX420BBS: 28.58 W with GX-420CA at 2.0GHz and 1x 4GB
DDR3 SODIMM
OS SUPPORT
• Windows 7 Ultimate x86 & SP1 (32-bit)
• Windows 7 Ultimate x64 & SP1 (64-bit)
• Windows 8 Enterprise x86 (32-bit)
• Windows 8 Enterprise x64 (64-bit)
TEMPERATURE
• Operating: 0oC to 60oC
• Storage: -20oC to 85oC
HUMIDITY
• 5% to 90%
POWER INPUT
• 12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
PCB
• Dimensions
- COM Express® Compact
- 95mm (3.74") x 95mm (3.74")
• Compliance
- PICMG COM Express® R2.1, Type 6
AMD® Embedded G-Series SoC
COM Express® Compact
Specifications
KB968
Packing List
Optional Items
Ordering Information
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 7, 2016 DFI Inc.
• 1 KB968 board
• 1 DVD
• Heat spreader with heat sink and fan: 761-KB9680-000G
• COM331-B carrier board kit: 770-COM331-000G
Model Name
Processor
SODIMM
SSD
Power
Thermal
Temperature
KB968-GX415BBS
AMD® GX-415GA, Quad Core, 2M Cache, 1.5GHz, 15W
2 (8GB DDR3)
None
ATX/AT
Cooler
0oC to 60oC
KB968-GX420BBS
AMD® GX-420CA, Quad Core, 2M Cache, 2.0GHz, 25W
2 (8GB DDR3)
None
ATX/AT
Cooler
0oC to 60oC
KB968-GX217BBS
AMD® GX-217GA, Dual Core, 1M Cache, 1.65GHz, 15W
2 (8GB DDR3)
None
ATX/AT
Cooler
0oC to 60oC
KB968-GX210HBBS AMD® GX-210HA, Dual Core, 1M Cache, 1.0GHz, 9W
2 (8GB DDR3)
None
ATX/AT
Cooler
0oC to 60oC
KB968-GX210JBBS AMD® GX-210JA, Dual Core, 1M Cache, 1.0GHz, 6W
2 (8GB DDR3)
None
ATX/AT
Cooler
0oC to 60oC
KB968-GX416BBS
AMD® GX-416RA, Quad Core, 2M Cache, 1.6GHz, 15W, without GPU
2 (8GB DDR3)
None
ATX/AT
Cooler
0oC to 60oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com