Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB968 Datasheet(PDF) 1 Page - DFI Inc

Part # KB968
Description  AMD Embedded G-Series SoC COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

KB968 Datasheet(HTML) 1 Page - DFI Inc

  KB968 Datasheet HTML 1Page - DFI Inc KB968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Drawing
Block Diagram
KB968
AMD® Embedded G-Series SoC
COM Express® Compact
Features
CPU Fan
DDR3 SODIMM
AMD®
Embedded
G-Series SoC
Bottom View
Top View
Standoff
Module PCB
Heat sink
4.00
0.00
87.00
91.00
0.00
4.00
87.00
91.00
2.00
0.00
14.00
53.00
Heat spreader
Fan
95.00
PCIe GEN2 (GFX 1 x4)
CMOS Backup
EEPROM
USB 2.0 8x
SATA 3.0 2x
USB_SS 0,1
USB 3.0
SMBus (Optional)
HD Audio
LPC Bus
Embedded
Controller
IT8518E
8-bit DIO
WDT
I2C Bus/SMBus
AMD Embedded
G-Series SoC
UNBUFFERED
DDR3 SODIMM
TDP1
DDI Port 1
LPC
TPM 1.2
SLB9635
(Optional)
Serial Port1,
2 Tx/Rx
Sys Fan
PWM/TACH
SSD Chip
(Optional)
SATA 1
GPP 0,1,2,3
LAN
GPP 3
PCIe GEN2
(1 x4 or 4 x1
LAN
SPI I/F
SPI ROM
SPI Bus
SD Card I/F (Optional)
VGA
LVDS Port
(Single Channel)
LTDP0
1066~1600MT/s
MEMORY
1 DDR3 SODIMM up to 8GB
EXPANSION
1 PCIe x4, 4 PCIe x1
1 LPC, 1 I2C, 1 SMBus, 2 serial
1 VGA, 1 DP/LVDS, 1 DP
8 USB: 2 USB 3.0/2.0, 6 USB 2.0
2 SATA 3.0
8-bit DIO
LAN
1 LAN
DIMENSIONS
COM Express® R2.1 Compact, Type 6
95mm x 95mm (3.74" x 3.74")
SSD
Optional
R
2.1
Type
6
USB 3.0
VGA
SATA 3.0
G-Series
SoC


Similar Part No. - KB968

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
KB968 GSR-KB968 Datasheet
402Kb / 2P
Computer-on-Modules
More results

Similar Description - KB968

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMB-A180 ETC2-IMB-A180 Datasheet
1Mb / 2P
AMD Embedded G-Series SOC processor
IMB-A180-H ETC2-IMB-A180-H Datasheet
1Mb / 2P
AMD Embedded G-Series SOC processor
logo
Axiomtek Co., Ltd.
CEM100 AXIOMTEK-CEM100_17 Datasheet
242Kb / 1P
COM Express Type 2 Basic Module with AMD G-Series APU and AMD A55E
logo
Advantech Co., Ltd.
SOM-5871 ADVANTECH-SOM-5871 Datasheet
972Kb / 2P
AMD Embedded V-Series V1000 COM Express Basic Module Type 6
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
AMD Embedded R-Series COM Express Basic
OT905-B DFI-OT905-B Datasheet
1Mb / 2P
AMD Embedded G-Series COM Express Compact
OT951 DFI-OT951 Datasheet
1,007Kb / 2P
AMD Embedded G-Series 3.5
SU968 DFI-SU968 Datasheet
1Mb / 2P
COM Express Compact
logo
Advanced Micro Devices
AMDI-S-A0002301461-1 AMD-AMDI-S-A0002301461-1 Datasheet
345Kb / 3P
1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
logo
Advantech Co., Ltd.
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com