Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF24-ECON-R03US Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # LF24-ECON-R03US
Description  Modulating, Spring Return, 24 V, Economizer, 3k廓 Mixed Air Sensor, Built-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LF24-ECON-R03US Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  LF24-ECON-R03US Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LF24-ECON-R03US Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LF24-ECON-R03US Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
1408
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, ±10%
Power consumption in operation 2.5 W
Power consumption in rest
position
1 W
Transformer sizing
5 VA (class 2 power source)
Shaft Diameter
3/8...1/2” round, centers on 1/2”
Electrical Connection
18 GA plenum cable, 3 ft [1 m], with 1/2”
conduit connector
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
actuators are double insulated
Operating Range
3 kΩ NTC, 3 kΩ @ 77°F (25°C) MA setpoint
= 55°F
Input Impedance
100 kΩ
Position Feedback
2...10 V, Max. 0.7 mA
Angle of rotation
Max. 95°, adjustable with mechanical stop
Torque motor
35 in-lb [4 Nm]
Direction of motion motor
selectable with switch 0/1
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Running Time (Motor)
95 s constant, independent of load
Running time fail-safe
<25 s @ -4...122°F [-20...50°C], <60 s @
-22°F [-30°C]
override control
Minimum, Open, Closed via spring Min-
position adjusts on actuator cover between
0 and 100% (scaled 0 to 1)
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 2
Housing material
galvanized steel
Agency Listing
cULus acc. To UL 873 and CAN/CSA C22.2
No. 24-93
Noise level, motor
30 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
3.4 lb [1.6 kg]
†Rated Impulse Voltage 800V, Type of action 1.AA, Control Pollution Degree 3
Torque min. 35 in-lb, for control of air dampers, Built-in adjustable
min-position, Integrated mixed air PI-control.
Application
For fail-safe, modulating control of mixed air setpoint on economizer dampers
in HVAC systems. Actuator sizing should be done in accordance with the
damper manufacturer’s specifications. The actuator is mounted directly to a
damper shaft from 3/8” up to 1/2” in diameter by means of its universal clamp,
1/2” shaft centered at delivery. For shafts up to 3/4” use K6-1 accessory. A
crank arm and several mounting brackets are available for applications where
the actuator cannot be direct coupled to the damper shaft. The actuator operates
in response to 3 kΩ thermistor, which allows the LF24-ECON... to retrofit
or replace Honeywell® M7415 actuators. A 2 to 10 VDC feedback signal is
provided for position indication.
Operation
The LF series actuators provide true spring return operation for reliable fail-safe
application and positive close-off on air tight dampers. The spring return system
provides constant torque to the damper with, and without, power applied to the
actuator. The LF series provides 95° of rotation and is provided with a graduated
position indicator showing 0 to 90°. The LF24-ECON-R03 US uses a brushless
DC motor which is controlled by an Application Specific Integrated Circuit
(ASIC) and a microprocessor. The microprocessor provides the intelligence to
the ASIC to provide a constant rotation rate and to know the actuator’s exact
position. The ASIC monitors and controls the brushless DC motor’s rotation and
provides a digital rotation sensing function to prevent damage to the actuator
in a stall condition. The actuator may be stalled anywhere in its normal rotation
without the need of mechanical end switches. Power consumption is reduced in
holding mode. See wiring diagrams for LF24-ECON-R03 US for more details on
3-position control.
Dimensions (Inches[mm])
7.66" [194.501]
0.98" [25]
4.72" [120]
0.39" [10]
1.69" [43]
3.66" [93]
6.1" [155]
3.66" [93]
6.1" [155]
0.26" [6.5]
LF24-ECON-R03 US Damper Actuator Technical Data Sheet
Modulating, Spring Return, 24 V, Economizer, 3k
Ω Mixed Air Sensor, Built-in
Minimum Position Adjustment
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - LF24-ECON-R03US

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF24-ECON-R10US BELIMO-LF24-ECON-R10US Datasheet
831Kb / 3P
Modulating, Spring Return, 24 V, Economizer, 10k廓 Mixed Air Sensor, Built-in
More results

Similar Description - LF24-ECON-R03US

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFB24-MFT95 BELIMO-AFB24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 廓 Input
AFX24LON BELIMO-AFX24LON Datasheet
725Kb / 3P
Modulating, Spring Return, 24 V, LonWorks
EFX24-MFT BELIMO-EFX24-MFT Datasheet
1Mb / 4P
Modulating, Spring Return, 24 V, Multi-Function Technology
LMX24-MFT95 BELIMO-LMX24-MFT95 Datasheet
933Kb / 3P
Modulating, Non-Spring Return, 24 V, 135 廓
LF24-ECON-R10US BELIMO-LF24-ECON-R10US Datasheet
831Kb / 3P
Modulating, Spring Return, 24 V, Economizer, 10k廓 Mixed Air Sensor, Built-in
LF24-MFTUS BELIMO-LF24-MFTUS Datasheet
970Kb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
NMX24-MFT95 BELIMO-NMX24-MFT95 Datasheet
923Kb / 3P
Modulating, Non-Spring Return, 24 V, 0 to 135 廓 Input
TFX24-MFT BELIMO-TFX24-MFT Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function Technology
AFB24-MFT-S-X1 BELIMO-AFB24-MFT-S-X1 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, Multi-Function
AFRX24-MFT95 BELIMO-AFRX24-MFT95 Datasheet
1Mb / 3P
Modulating, Spring Return, 24 V, 0 to 135 廓 Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com