Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF24-ECON-R03US Datasheet(PDF) 3 Page - BELIMO AIRCONTROLS (USA), INC

Part # LF24-ECON-R03US
Description  Modulating, Spring Return, 24 V, Economizer, 3k廓 Mixed Air Sensor, Built-in
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LF24-ECON-R03US Datasheet(HTML) 3 Page - BELIMO AIRCONTROLS (USA), INC

  LF24-ECON-R03US Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LF24-ECON-R03US Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LF24-ECON-R03US Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wiring Diagrams
!
WARNING! LIVE ELECTRICAL COMPONENTS!
During installation, testing, servicing and troubleshooting of this
product, it may be necessary to work with live electrical components.
Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these
tasks. Failure to follow all electrical safety precautions when exposed to
live electrical components could result in death or serious injury.
Meets cULus requirements without the need of an electrical ground
connection.
Provide overload protection and disconnect as required.
Actuators may also be powered by 24 VDC.
26
Min-position is adjustable from 0 to 100% with a potentiometer on the
actuator cover.
27
A relay or switch can spring return the actuator when the RTU fan de-
energizes, or if low ambient temperature is sensed.
28
A standard relay can be used to close the sensor circuit to engage
economizer mode, e.g. outside air changeover device like a dry bulb or
enthalpy limit switch. Honeywell® logic module W7459A and enthalpy
sensor C7400 also provide terminals for this switching.
29
A remote CO2 sensor or DDC controller can change the standard relay
opening or closing the sensor circuit. This device can be a relay or a dry
bulb/enthalpy limit switch.
30
Override control for Y2 only accepts 0 to 10 VDC override control.
LF24-ECON-R03 US Damper Actuator Technical Data Sheet
Modulating, Spring Return, 24 V, Economizer, 3k
Ω Mixed Air Sensor, Built-in
Minimum Position Adjustment
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com