Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N40L-TN3-R Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # 3N40L-TN3-R
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

3N40L-TN3-R Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  3N40L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
0
400
800
1200
1600
2000
1
10
100
1000
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
iss
oss
rss
0
10
20
30
40
50
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
3.2 A
V
= 130V
DS
V
= 325V
DS
V
= 520V
DS
0.1
1
5
10
0.2
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
0.1
1
5
10
10
100
1000
10000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
3N40L-TN3-R
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com