Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N40L-TN3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 3N40L-TN3-R
Description  Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

3N40L-TN3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  3N40L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd 3N40L-TN3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Power MOSFET
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Compliant to RoHS directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 24 mH, RG = 25 Ω, IAS = 3.2 A (see fig. 12).
c. ISD ≤ 3.2 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Drain current limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
650
RDS(on) (Ω)VGS = 10 V
1.8
Qg (Max.) (nC)
48
Qgs (nC)
12
Qgd (nC)
19
Configuration
Single
Available
RoHS*
COMPLIANT
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
A
Continuous Drain Current
TC = 100 °C
4.2
Pulsed Drain Currenta
IDM
18
Linear Derating Factor
0.48
W/°C
Single Pulse Avalanche Energyb
EAS
325
mJ
Repetitive Avalanche Currenta
IAR
4
A
Repetitive Avalanche Energya
EAR
6mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Peak Diode Recovery dV/dtc
dV/dt
2.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
S
N-Channel MOSFET
G
D
TO-252
GD
S
Top View
4.5
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
3N40L-TN3-R
1


Similar Part No. - 3N40L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N40L-TN3-R UTC-3N40L-TN3-R Datasheet
198Kb / 6P
3A, 400V N-CHANNEL POWER MOSFET
3N40L-TN3-R UTC-3N40L-TN3-R Datasheet
211Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results

Similar Description - 3N40L-TN3-R

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com