Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFC24-3-RUS Datasheet(PDF) 1 Page - BELIMO AIRCONTROLS (USA), INC

Part # LFC24-3-RUS
Description  On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LFC24-3-RUS Datasheet(HTML) 1 Page - BELIMO AIRCONTROLS (USA), INC

  LFC24-3-RUS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LFC24-3-RUS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LFC24-3-RUS Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data
1403
Power Supply
24 VAC, ±20%, 50/60 Hz, 24 VDC, ±10%
Power consumption in operation 2.5 W
Power consumption in rest
position
1 W
Transformer sizing
5 VA (class 2 power source)
Shaft Diameter
8x8 mm form fit
Electrical Connection
Plenumkabel, 3 ft [1 m], 4 male spade
connectors
Overload Protection
electronic throughout 0...95° rotation
Electrical Protection
actuators are double insulated
Input Impedance
1000 Ω (0.6 W)
Angle of rotation
Max. 95°, adjustable with mechanical stop
Torque motor
35 in-lb [4 Nm]
Direction of motion motor
selectable with switch 0/1
Direction of motion fail-safe
reversible with cw/ccw mounting
Position indication
Mechanical
Running Time (Motor)
90 s
Running time fail-safe
<25 s @ -4...122°F [-20...50°C], <60 s @
-22°F [-30°C]
Ambient humidity
max. 95% r.H., non-condensing
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Degree of Protection
IP54, NEMA 2, UL Enclosure Type 2
Housing material
galvanized steel
Agency Listing
cULus acc. To UL 873 and CAN/CSA C22.2
No. 24-93
Noise level, motor
30 dB(A)
Noise level, fail-safe
62 dB(A)
Servicing
maintenance-free
Quality Standard
ISO 9001
Weight
3.2 lb [1.4 kg]
†Rated Impulse Voltage 800V, Type of action 1.AA, Control Pollution Degree 3
Torque min. 35 in-lb, for control of air dampers.
Application
For modulation or On/Off, fail-safe control of dampers in HVAC systems.
Actuator sizing should be done in accordance with the damper manufacturer’s
specifications. The actuator is mounted directly to a damper shaft with its 8x8
mm form fit ZG-LFC114 universal mounting kit for retrofit of the economizer
section of the Trane Voyager unit. Control is floating point from a triac or relay,
or On/Off from an auxiliary contact from a fan motor contactor, controller or
manual switch.
Operation
The LF series actuators provide true spring return operation for reliable fail-
safe application and positive close-off on air tight dampers. The spring return
system provides consistent torque to the damper with, and without, power
applied to the actuator. The LF series provides 95° of rotation and is provided
with a graduated position indicator showing 0 to 95°. The LFC24-3-R US uses
a brushless DC motor which is controlled by an Application Specific Integrated
Circuit (ASIC) and a microprocessor. The microprocessor provides the
intelligence to the ASIC to provide a constant rotation rate. The ASIC monitors
and controls the brushless DC motor’s rotation and provides a digital rotation
sensing function to prevent damage to the actuator in a stall condition. The
actuator may be stalled anywhere in its normal rotation without the need of
mechanical end switches. Power consumption is reduced in holding mode.
Dimensions (Inches[mm])
7.78" [197.5]
0.98" [25]
4.72" [120]
0.39"
[
9.974]
1.69" [43]
3.66" [93]
3.66" [93]
0.26" [6.5]
LFC24-3-R US Damper Actuator Technical Data Sheet
On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN


Similar Part No. - LFC24-3-RUS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LFC24-3-SUS BELIMO-LFC24-3-SUS Datasheet
826Kb / 3P
On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
More results

Similar Description - LFC24-3-RUS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AMX24-3-T BELIMO-AMX24-3-T Datasheet
704Kb / 2P
On/Off, Floating Point, Non-Spring Return, 24 V
LMB24-3-P10-T BELIMO-LMB24-3-P10-T Datasheet
841Kb / 3P
On/Off, Floating Point, Non-Spring Return, 24 V
LMX24-3-F BELIMO-LMX24-3-F Datasheet
644Kb / 2P
On/Off, Floating Point, Non-Spring Return, 24 V
LF24-3-SUS BELIMO-LF24-3-SUS Datasheet
821Kb / 3P
On/Off, Floating Point, Spring Return, 24 V
LF24-3US BELIMO-LF24-3US Datasheet
698Kb / 3P
On/Off, Floating Point, Spring Return, 24 V
LFC24-3-SUS BELIMO-LFC24-3-SUS Datasheet
826Kb / 3P
On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
LFC24-3US BELIMO-LFC24-3US Datasheet
777Kb / 3P
On/Off, Floating Point, Spring Return, 24 V
NMX24-3-T BELIMO-NMX24-3-T Datasheet
726Kb / 2P
On/Off, Floating Point, Non-Spring Return, 24 V
TFX24-3 BELIMO-TFX24-3 Datasheet
742Kb / 3P
On/Off, Floating Point, Spring Return, 24 V
TFX24-3-S BELIMO-TFX24-3-S Datasheet
884Kb / 3P
On/Off, Floating Point, Spring Return, 24 V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com