Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFC24-3-RUS Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # LFC24-3-RUS
Description  On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

LFC24-3-RUS Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  LFC24-3-RUS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC LFC24-3-RUS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC LFC24-3-RUS Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Accessories
20477-00001
Honeywell logic module bracket.
AV6-20
Shaft extension
K6 US
Standard LF clamp (3/8” to 1/2”).
K6-1
Shaft clamp reversible
KG10A
Ball joint
KG8
Ball joint
KH8
Damper crank arm
KH-LF
Actuator arm
KH-LFV
V-bolt Kit for KH-LF.
LF-P
Anti-rotation bracket LF.
SH10
Push rod for KG10A ball joint (36” L, 3/8” diameter).
SH8
Push rod for KG6 & KG8 ball joints (36” L, 5/16” diameter).
TOOL-06
8 mm and 10 mm wrench.
ZDB-LF
Angle of rotation limiter
ZF8-LF
Form fit adapter
ZG-109
Right angle bracket for ZS-260.
ZG-110
Stand-off bracket for ZS-260.
ZG-112
LF right angle bracket 4-1/2x5-1/2x2-1/2” (HxWxD).
ZG-DC1
Damper clip for damper blade, 3.5” width.
ZG-DC2
Damper clip for damper blade, 6” width.
ZG-ECON1
Honeywell ECON retrofit kit with module bracket.
ZG-ECON2
Honeywell ECON retrofit kit without module bracket.
ZG-LF112
LF crankarm adaptor kit (includes ZG-112).
ZG-LF2
LF crankarm adaptor kit (T bracket included).
ZG-LFC114
LF Trane Voyager retrofit kit (incl. bracket and hardware).
ZG-LMSA-1
Shaft extension for 3/8” diameter shafts (4” L).
ZG-LMSA-1/2-5 Shaft extension for 1/2” diameter shafts (5” L).
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-101
Base plate for ZS-100.
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
ZS-260
Explosion proof housing.
ZS-300
NEMA 4X, 304 stainless steel enclosure.
ZS-300-5
NEMA 4X, 316L stainless steel enclosure.
ZS-300-C1
1/2” shaft adaptor, standard wtih ZS-300(-5).
ZS-300-C2
3/4” shaft adaptor for ZS-300(-5).
P475
Shaft mount, non-Mercury aux. switch for 1/2” dia. shafts.
P475-1
Shaft mount, non-Mercury aux. switch for 1” dia. shafts.
PS-100
Low voltage and control signal simulator.
ZG-X40
120 to 24 VAC, 40 VA transformer.
Typical Specification
Floating point, On/Off spring return damper actuators shall be direct
coupled type which require no crank arm and linkage and be capable of
direct mounting to a shaft up to a 3/4” diameter and centers on a 1/2” shaft
(default). The actuators must be designed so that they may be used for either
clockwise or counter clockwise fail-safe operation. Actuators shall have an
external direction of rotation switch to reverse control logic. Actuators shall
use a brushless DC motor and be protected from overload at all angles of
rotation. If required, one SPDT auxiliary switch shall be provided having
the capability of being adjustable. Actuators with auxiliary switch must be
constructed to meet the requirements for Double Insulation so an electrical
ground is not required to meet agency listings. Run time shall be constant and
independent of torque. Actuators shall be cULus listed, have a 5 year warranty,
and be manufactured under ISO 9001 International Quality Control Standards.
Actuators shall be as manufactured by Belimo.
Line
Volts
24 VAC Transformer
Blk (1) Common
Red (2) + Hot
Wht (3) W
3 Input
Wht (5) W
4 Input
A
1
3
11
Floating Point
LFC24-3-R US Damper Actuator Technical Data Sheet
On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com