Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2060CS Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MBR2060CS
Description  SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MBR2060CS Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MBR2060CS Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MBR2060CS Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MBR2060CS Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MBR2060CS Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
60
MBR2060CT-FCT-DC-CS
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 60 V
Forward Current - 20 A
FEATURES
Very low forward voltage
High current capability
High forward surge capability
Low power losses,High efficiency
Guarding for over voltage protection
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: TO-220AB/CT TO-220F/FCT TO-263/DC TO-252/CS
Solder bath temperature275℃maximum,10s per JESD22-106
Primary Characteristic
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Parameter
Symbols
Value
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
60
V
Maximum RMS voltage
VRMS
60
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum Average Forward Rectified Current
Per Leg
Io
10
A
Total
20
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
IFSM
300
A
Operating Temperature Range
TJ
-55 ~ +150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Typical Thermal Resistance
(Note1)
RθJA/ RθJC
2/4
°C/W
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbols
Value
Units
Forward Voltage Drop(Note2)
VF
Typ
Max
V
at IF=3A
TA=25°C
0.51
-
TA=125°C
0.45
-
at IF=5A
TA=25°C
0.59
-
TA=125°C
0.53
-
at IF=10A
TA=25°C
0.72
0.78
TA=125°C
0.63
-
Maximum Reverse Current at VR=
V
TA=25°C
IR
3
50
uA
TA=125°C
2
-
mA
Note2:Pulse test: 300 μs pulse width, 1 % duty cycle
Io
2*10A
VRRM
60V
IFSM
300A
VF
0.63V
TJ Max
150°C
TO-220AB,TO-263 TO-220F TO252


Similar Part No. - MBR2060CS

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
MBR2060C BCDSEMI-MBR2060C Datasheet
910Kb / 11P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Unisonic Technologies
MBR2060C UTC-MBR2060C Datasheet
145Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR2060C DIODES-MBR2060C Datasheet
441Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 5
logo
Rectron Semiconductor
MBR2060C RECTRON-MBR2060C Datasheet
341Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR2060C-T SKTECHNOLGY-MBR2060C-T Datasheet
370Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2060CS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com