Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMITX-BE-G-RX425BB Datasheet(PDF) 4 Page - Adlink Technology Inc.

Part # AMITX-BE-G-RX425BB
Description  Mini-ITX Embedded Board with AMD Embedded R-Series APU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

AMITX-BE-G-RX425BB Datasheet(HTML) 4 Page - Adlink Technology Inc.

  AMITX-BE-G-RX425BB Datasheet HTML 1Page - Adlink Technology Inc. AMITX-BE-G-RX425BB Datasheet HTML 2Page - Adlink Technology Inc. AMITX-BE-G-RX425BB Datasheet HTML 3Page - Adlink Technology Inc. AMITX-BE-G-RX425BB Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Mar. 01, 2017. ©2017 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Ordering Information
●
AmITX-BE-G-RX427BB
Mini-ITX with AMD® RX-427BB
●
AmITX-BE-G-RX425BB
Mini-ITX with AMD® RX-425BB
●
AmITX-BE-G-RX225FB
Mini-ITX with AMD® RX-225FB
●
AmITX-BE-G-RX427BB-LVDS
Mini-ITX with AMD® RX-427BB, LVDS+3x DisplayPort
●
AmITX-BE-G-RX425BB-LVDS
Mini-ITX with AMD® RX-425BB, LVDS+3x DisplayPort
●
AmITX-BE-G-RX225FB-LVDS
Mini-ITX with AMD® RX-225FB, LVDS+3x DisplayPort
Packing List
●
30-20872-0000
ATX/AT Power Cable
●
30-20875-0000
SATA Dual Power Cable
●
30-10057-0600
SATA Cable
●
34-25314-0000
Rear I/O Shield
Optional Accessories
●
30-20876-0000
COM Port Cable, 1 Port, 25cm
●
30-20873-0000
PS/2 KB/MS Cable, 40cm
●
30-20874-1000
USB 2.0 Cable, 2 ports, 20cm
●
32-20478-0000
5010-CU-CJ APU Cooler
●
32-20499-0000
5010-AL-RG APU Cooler



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com