Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMITX-BE-G-RX425BB Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # AMITX-BE-G-RX425BB
Description  Mini-ITX Embedded Board with AMD Embedded R-Series APU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

AMITX-BE-G-RX425BB Datasheet(HTML) 2 Page - Adlink Technology Inc.

  AMITX-BE-G-RX425BB Datasheet HTML 1Page - Adlink Technology Inc. AMITX-BE-G-RX425BB Datasheet HTML 2Page - Adlink Technology Inc. AMITX-BE-G-RX425BB Datasheet HTML 3Page - Adlink Technology Inc. AMITX-BE-G-RX425BB Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
● Display
Graphics core
AMD® Radeon HD 9000
DisplayPort
4 outputs with resolution up to 4096 x 2160 @ 30Hz
LVDS
Optional single/dual channel 24-bit up to 1920 x 1200 @ 60 Hz, LVDS and 1x
DP are co-lay
● Ethernet
Controller: 2x Intel® i211AT Ethernet controller
Interface: PCI Express x1 Bus
Wake On LAN: Yes
● Power
Standard Input: ATX = 12V ±5%/5Vsb ±5% from internal header
AT = 12V ±5% from internal header
Peripherals output: Onboard headers for fan and SATA power
● Mechanical and Environmental
Form Factor: Mini-ITX
Dimensions: 170 mm x 170 mm (L x W)
Operating Temperature
Standard: 0˚C to +60˚C
Certifications
CE, FCC Class A
Relative Humidity
10% to 90%, non-condensed
● Intelligent Middleware
SEMA®
Local management, control of embedded computer systems
Extended EAPI for monitoring, controlling and analytics applications
Multiple OS support and across platforms (x86, ARM)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com