Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66-R2.0 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # M66-R2.0
Description  Ultra-compact Quad-band GSM/GPRS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

M66-R2.0 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  M66-R2.0 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. M66-R2.0 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel M66 R2.0
Ultra-compact
Quad-band GSM/GPRS Module
Build a Smarter World
M66 R2.0 is an ultra-compact quad-band GSM/GRPS module using LCC castellation packaging. Based on the latest 2G chipset,
it has the optimal performance in SMS & data transmission and audio service even in harsh environment. The highly compact
17.7mm × 15.8mm × 2.3mm profile makes it a perfect selection for size sensitive applications.
M66 R2.0 adopts surface mounted technology, making it an ideal solution for durable and rugged designs. The low profile
and small size of LCC package ensure it can be easily embedded into size-constrained applications, and provides reliable
connectivity with applications. This kind of package is ideally suited for large-scale manufacturing which has strict
requirements for cost and efficiency.
The compact form factor, low power consumption and extended temperature range make M66 R2.0 a best choice for M2M
applications such as wearable devices, automotive, industrial PDA, personal tracking, wireless POS, smart metering,
telematics, and so on.
Key
Benefits
Extremely compact quad-band GSM/GPRS module
Easier soldering process with LCC package
Power consumption as low as 1.3mA
Support Voice and QuecFOTA® functions
Embedded powerful Internet service protocols, multiple Sockets &
IP addresses
Quad-band
GPRS Multi-slot
Class 12
Highly Compact Size
LCC Package
Embedded Internet
Services Protocols
Quectel Enhanced
AT Commands
Digital Audio
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Extended Temperature
Range: -40°C ~ +85°C
Bluetooth 3.0
Rev: V1.1 | Status: Released


Similar Part No. - M66-R2.0

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
M66-DS QUECTEL-M66-DS Datasheet
1Mb / 2P
Ultra-small Dual SIM Dual Standby Quad-band GSM/GPRS Module
More results

Similar Description - M66-R2.0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
iPAC??PA Module for Quad-Band GSM / GPRS
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
logo
Quectel Wireless Soluti...
M65 QUECTEL-M65 Datasheet
857Kb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66 QUECTEL-M66 Datasheet
1Mb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66-DS QUECTEL-M66-DS Datasheet
1Mb / 2P
Ultra-small Dual SIM Dual Standby Quad-band GSM/GPRS Module
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
MC60 QUECTEL-MC60 Datasheet
673Kb / 3P
Ultra-small LCC Quad-band GSM/GPRS/GNSS Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com