Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66-R2.0 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # M66-R2.0
Description  Ultra-compact Quad-band GSM/GPRS Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

M66-R2.0 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  M66-R2.0 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. M66-R2.0 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ultra-compact
Quad-band GSM/GPRS Module
Frequency Bands
Quad-band:
850/900/1800/1900MHz
Data
GPRS Class 12:
Max. 85.6kbps (Downlink)
Max. 85.6kbps (Uplink)
Coding Schemes:
CS-1, CS-2, CS-3, CS-4
USSD
Non-transparent Mode
SMS
Point-to-point MO and MT
SMS Cell Broadcast
Text and PDU Modes
Voice
Speech Codec Modes:
Half Rate (HR)
Full Rate (FR)
Enhanced Full Rate (EFR)
Adaptive Multi-rate (AMR)
Echo Arithmetic:
Echo Cancellation
Echo Suppression
Noise Reduction
Interfaces
(U)SIM Interface:
3.0V/ 1.8V
UART × 3
Analog Audio Channels:
2 Output Channels and 1 Input Channel
PCM × 1
RTC × 1
ADC × 1
SD Card × 1 (Multiplexed from PCM)
Bluetooth:
BT 3.0 (Profile SPP, HFP, OPP)
Antenna Pads:
× 2 (GSM and Bluetooth antennas)
Enhanced Features
eCall
Jamming Detection
DTMF
Audio Play/ Audio Recording
QuecFOTA®
QuecLocator®
QuecCell
QuecFile
RIL for Android
CMUX
Electrical & Sensitivity
Output Power:
Class 4 (2W @850/900MHz)
Class 1 (1W @1800/1900MHz)
Consumption:
1.3mA @DRX=5
1.2mA @DRX=9
Sensitivity:
GSM850: -109dBm
GSM900: -109dBm
DCS1800: -109dBm
PCS1900: -109dBm
Supply Voltage:
3.3V~4.6V, 4.0V Typ.
Software Features
Protocols:
TCP/ UDP/ PPP/ FTP/ HTTP(S)/ SMTP(S)/ CMUX/
SSL/ MQTT
General Features
GPRS Multi-slot Class:
Class 1~12 (12 by default)
GPRS Mobile Station:
Class B
Operation Temperature Range:
-35°C ~ +75°C
Extended Temperature Range:
-40°C ~ +85°C
Dimensions:
17.7mm × 15.8mm × 2.3mm
Weight:
Approx. 1.2g
LCC Package
GSM 07.07, 07.05 and Other Enhanced AT
Commands
Approvals
Regulatory:
CE (Europe)
Others:
RoHS
* Under Development
Quectel M66 R2.0
15.8mm
2.3mm
Copyright © 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com