Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL968 Datasheet(PDF) 2 Page - DFI Inc

Part # WL968
Description  8th Gen Intel Core Processor COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WL968 Datasheet(HTML) 2 Page - DFI Inc

  WL968 Datasheet HTML 1Page - DFI Inc WL968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © Sep 02, 2020 DFI Inc.
WL968
SYSTEM
Processor
8th Gen Intel® CoreTM Processor, FCBGA1528
Intel® Core™ i7-8665UE Processor, Quad Core, 8M Cache, 1.7GHz (4.4GHz), 15W
Intel® Core™ i5-8365UE Processor, Quad Core, 6M Cache, 1.6GHz (4.1GHz), 15W
Intel® Core™ i3-8145UE Processor, Dual Core, 4M Cache, 2.1GHz (3.9GHz), 15W
Intel® Celeron® Processor 4305UE, Dual Core, 2M Cache, 2.0GHz (2.0GHz), 15W
Memory
Two 260-pin SODIMM up to 64GB
Dual Channel DDR4 2400MHz
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA/DDI (DDI available upon request)
1 x LVDS/eDP (eDP available upon request)
1 x DDI
VGA: resolution up to 1920x1200 @ 60Hz
LVDS: dual channel 24-bit, resolution up to 1920x1200 @ 60Hz
eDP: resolution up to 4096x2304 @ 60Hz
HDMI: resolution up to 4096x2160 @ 30Hz
DP++: resolution up to 4096x2304 @ 60Hz
Triple Displays
VGA + LVDS + DDI
DDI + eDP + DDI
EXPANSION
Interface
5 PCIe x1 or 4 PCIe x1 + 1 PCIe x4 or 3 PCIe x1 + 2 PCIe x2 (support up to 5 devices and 8 lanes)
1 x LPC
1 x I2C
1 x SMBus
2 x UART (TX/RX)
eMMC
1 x 8GB/16GB/32GB/64GB/128GB eMMC 5.1 (available upon request)
AUDIO
Interface
HD Audio
ETHERNET
Controller
1 x Intel® I219LM with iAMT11.0 PCIe (10/100/1000Mbps)
I/O
USB
4 x USB 3.0
8 x USB 2.0
SATA
3 x SATA 3.0 (up to 6Gb/s)
RAID 0/1/5
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
Available Upon Request
POWER
Type
12V, 5VSB, VCC_RTC (ATX mode)
12V, VCC_RTC (AT mode)
Consumption
TBD
OS SUPPORT
Windows: Windows 10 IoT Enterprise 64-bit Ubuntu 18.04
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C (with heat spreader)
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
COM Express® Compact
95mm (3.74") x 95mm (3.74")
Compliance
PICMG COM Express® R3.0, Type 6
STANDARDS AND
CERTIFICATIONS
Certification
CE, FCC, RoHS
• 1 WL968 board
• 1 CPU Cooler (for -40 to 85°C, H=35.2mm)
A71-108124-000G
• 1 Heat sink (for 0 to 60°C, H=26.8mm)
A71-008137-000G
• COM332-B carrier board kit
770-CM3321-000G
• Heatspreader (H=11mm)
A71-808324-000G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com