Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL968 Datasheet(PDF) 1 Page - DFI Inc

Part # WL968
Description  8th Gen Intel Core Processor COM Express Compact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WL968 Datasheet(HTML) 1 Page - DFI Inc

  WL968 Datasheet HTML 1Page - DFI Inc WL968 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ULT
Block Diagram
Mechanical Drawing
WL968
Features
EEPROM
SATA 3.0 3x
USB 3.0 4x
SMBus
7th Generation
Intel® Corei7/i5/i3
Intel® Celeron
Intel® GLAN
I219LM
MDI
SPI Flash
SPI Bus
4/8/16GB DDR4
Memory Down
Channel A
PCIe x1
PCIe x1 (4x1/2x2/1x4)
LPC Bus
8-bit DIO
WDT
I2C Bus
TPM
1.2/2.0
(optional)
Serial Port 0,1
Fan PWM/
TACH_IN
SLP/LID
TCA6408A
Embedded
Controller
IT8528E
DDI Port 1
HDA
USB 2.0 8x
eDP/DDI
(optional)
PTN3460
LVDS
DDI
(optional)
CH7517
VGA
DDI Port 2
PCIe x1 (2 x1/1 x2)
PCIe x1 (2 x1)
4/8/16GB DDR4
Memory Down
Channel B
8th Gen Intel® CoreTM Processor
COM Express® Compact
• Dual Channel DDR4 2400MHz SODIMM up to 64GB
• Three independent displays: VGA*/DDI + LVDS*/eDP + DDI
• DP++ supports 4K x 2K resolution
• Multiple expansion: 8 PCIe x1, 1 LPC, 1 I2C, 1 SMBus
• Rich I/O: 1 Intel GbE, 4 USB 3.0, 8 USB 2.0
4K2K
Display
4096x2304
AMT
* Populated by default
PCIe L0~3
PCIe L4~5
PCIe L6~7
x4
-
-
x2
x2
x2
-
x1
x1
x1
x1
x1
x1
x1
x1
* 5 PCIe x1 or 4 PCIe x1 + 1 PCIe x4 or 3 PCIe x1 + 2 PCIe x2
(support up to 5 devices and 8 lanes)
Wide
Temperature
-400C
850C
Coming Soon
DDR4
Coming Soon
R
Type
3.0
6
Bottom View
Front View
Intel Core
i7/i5/i3
DDR4_1
SODIMM
DDR4_2
SODIMM
CPU Fan
Board to
board
connector
eMMC


Similar Part No. - WL968

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL9-3F2234S20 SICK-WL9-3F2234S20 Datasheet
891Kb / 7P
Photoelectric retro-reflective sensor
2/22/2016
WL9-3F3130 SICK-WL9-3F3130 Datasheet
843Kb / 7P
Photoelectric retro-reflective sensor
2/22/2016
WL9-3F3430S04 SICK-WL9-3F3430S04 Datasheet
845Kb / 7P
Photoelectric retro-reflective sensor
2/22/2016
WL9-3N1130 SICK-WL9-3N1130 Datasheet
842Kb / 7P
Photoelectric retro-reflective sensor
2/22/2016
WL9-3N1132 SICK-WL9-3N1132 Datasheet
850Kb / 7P
Photoelectric retro-reflective sensor
2/22/2016
More results

Similar Description - WL968

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CR960-QM77 DFI-CR960-QM77 Datasheet
945Kb / 2P
3rd Gen Intel Core COM Express Basic
H960MD-CM236 DFI-H960MD-CM236 Datasheet
720Kb / 2P
6th Gen Intel Xeon/Core Processor COM Express Basic
HR908-B DFI-HR908-B Datasheet
1Mb / 2P
3rd/2nd Gen Intel Core COM Express Compact
HU968 DFI-HU968 Datasheet
1Mb / 2P
4th Gen Intel Core COM Express Compact
KH960-HM175 DFI-KH960-HM175 Datasheet
838Kb / 2P
7th Gen Intel Core Processor COM Express Basic
KU968 DFI-KU968 Datasheet
1Mb / 2P
7th Gen Intel Core Processor COM Express Compact
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
AAEON Technology
COM-WHUC6 AAEON-COM-WHUC6 Datasheet
505Kb / 2P
COM Express Compact Type 6 with 8th Gen Intel® Core™ ULT SoC
2022/09/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com