Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDUC2FD5VB Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # PESDUC2FD5VB
Description  ESD Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

PESDUC2FD5VB Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  PESDUC2FD5VB Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PESDUC2FD5VB
DFN1006-2L
1 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
The PESDUC2FD5VB protects sensitive semiconductor components from
damage or upset due to electrostatic discharge (ESD) and other voltage induced
transient events. They feature large cross-sectional area junctions for conducting
high transient currents, offer desirable electrical characteristics for board level
protection, such as fast response time, low operating voltage. It gives designer
the flexibility to protect one bi-directional line in applications where arrays are not
practical.
100W peak pulse power per line (tP = 8/20μs)
DFN1006-2L package
Replacement for MLV(0402)
Bidirectional configurations
Response time is typically < 1ns
Low clamping voltage
RoHS compliant
Transient protection for data lines to
IEC61000-4-2(ESD) ±15KV(air), ±8KV(contact);
IEC61000-4-4 (EFT) 40A (5/50ns)
Lead finish:100% matte Sn(Tin)
Mounting position: Any
Qualified max reflow temperature:260℃
Device meets MSL 1 requirements
Pure tin plating: 7 ~ 17 um
Pin flatness:≤3mil
Cellular phones
Portable devices
Digital cameras
Power supplies
ESD Protector
Description
Feature
Mechanical Characteristics
Applications
■ Simplified outline(DFN1006-2L)


Similar Part No. - PESDUC2FD5VB

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
PESDUC2FD5VBD2 GWSEMI-PESDUC2FD5VBD2 Datasheet
238Kb / 5P
ESD Protector
More results

Similar Description - PESDUC2FD5VB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SES2V8P8U GOOD-ARK-SES2V8P8U Datasheet
165Kb / 3P
ESD Protector
SES3VT553-5 GOOD-ARK-SES3VT553-5 Datasheet
459Kb / 7P
ESD Protector
SES5VD323-2U GOOD-ARK-SES5VD323-2U Datasheet
241Kb / 3P
ESD Protector
SES5VD523-2B GOOD-ARK-SES5VD523-2B Datasheet
218Kb / 4P
ESD Protector
SES5VD523-2U GOOD-ARK-SES5VD523-2U Datasheet
172Kb / 3P
ESD Protector
SES5VN10X6-16B GOOD-ARK-SES5VN10X6-16B Datasheet
195Kb / 4P
ESD Protector
SES5VSC88-6 GOOD-ARK-SES5VSC88-6 Datasheet
213Kb / 3P
ESD Protector
SES5VT236-6U GOOD-ARK-SES5VT236-6U Datasheet
1Mb / 7P
ESD Protector
SES12VSC70-5 GOOD-ARK-SES12VSC70-5 Datasheet
487Kb / 6P
ESD Protector
SES12VSC70-6 GOOD-ARK-SES12VSC70-6 Datasheet
321Kb / 4P
ESD Protector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com