Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDUC2FD5VB Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # PESDUC2FD5VB
Description  ESD Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

PESDUC2FD5VB Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  PESDUC2FD5VB Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD PESDUC2FD5VB Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PESDUC2FD5VB
DFN1006-2L
2 / 5
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Peak Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
It = 1mA
5.6
8.5
V
Reverse Leakage Current
IR
VRWM = 5V T=25℃
1.0
μA
Maximum Reverse Peak Pulse Current
IPP
5.5
A
Clamping Voltage
VC
IPP=1A
10
V
Clamping Voltage
VC
IPP=3A
15
V
Clamping Voltage
VC
IPP=5A
21
V
Junction Capacitance
Cj
VR=0V f = 1MHz
0.3
pF
Rating
Symbol
Value
Units
Peak Pulse Power (tp=8/20μs)
Ppp
100
W
Operating Temperature
TJ
-55 to +150
℃
Storage Temperature
TSTG
-55 to +150
℃
℃
Electrical characteristics per line@25
(unless otherwise specified)
Absolute maximum rating@25
Symbol
Parameter
VRWM
Peak Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
PPP
Peak Pulse Power
CJ
Junction Capacitance
IF
Forward Current
VF
Forward Voltage @ IF
V
IR
IT
IPP
VRWM VBR VC
IR
IT
IPP
VRWM
VBR
VC
I
Electronics Parameter



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com