Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5700AS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPX5700AS
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5700AS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPX5700AS Datasheet HTML 3Page - NXP Semiconductors MPX5700AS Datasheet HTML 4Page - NXP Semiconductors MPX5700AS Datasheet HTML 5Page - NXP Semiconductors MPX5700AS Datasheet HTML 6Page - NXP Semiconductors MPX5700AS Datasheet HTML 7Page - NXP Semiconductors MPX5700AS Datasheet HTML 8Page - NXP Semiconductors MPX5700AS Datasheet HTML 9Page - NXP Semiconductors MPX5700AS Datasheet HTML 10Page - NXP Semiconductors MPX5700AS Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MPX5700
Sensors
Freescale Semiconductor, Inc.
9
Pressure
PACKAGE DIMENSIONS
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
INCHES
0.100 BSC
MILLIMETERS
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
S
V
MIN
0.690
0.245
0.780
0.027
0.178
0.048
0.014
0.345
0.300
0.220
0.182
MAX
0.255
0.820
0.033
0.186
0.064
0.016
0.375
0.310
0.240
0.720
0.194
MIN
17.53
6.22
19.81
0.69
4.52
1.22
0.36
8.76
7.62
5.59
4.62
MAX
18.28
6.48
20.82
0.84
4.72
1.63
0.41
9.53
7.87
6.10
4.93
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
A
65
4
3
2
1
C
K
N
E
-B-
PORT #1
POSITIVE
PRESSURE
(P1)
J
-T-
S
G
F
D 6 PL
PIN 1
M
B
M
0.13 (0.005)
T
V
CASE 867E-03
ISSUE D
PRESSURE SIDE PORTED (AS, GS)
C
E
V
J
PORT #1
POSITIVE
PRESSURE
(P1)
-T-
-P-
M
Q
M
0.25 (0.010)
T
D 6 PL
F
G
K
PIN 1
U
A
B
R
S
N
-Q-
S
P
M
0.13 (0.005)
Q S
T
65
4
3
2
1
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
MILLIMETERS
INCHES
0.100 BSC
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
P
Q
R
S
U
V
MIN
1.080
0.740
0.630
0.027
0.160
0.048
0.014
0.070
0.150
0.150
0.440
0.695
0.840
0.182
0.220
MAX
1.120
0.760
0.650
0.033
0.180
0.064
0.016
0.080
0.160
0.160
0.460
0.725
0.860
0.194
0.240
MIN
27.43
18.80
16.00
0.68
4.06
1.22
0.36
1.78
3.81
3.81
11.18
17.65
21.34
4.62
5.59
MAX
28.45
19.30
16.51
0.84
4.57
1.63
0.41
2.03
4.06
4.06
11.68
18.42
21.84
4.93
6.10
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
CASE 867F-03
ISSUE D
PRESSURE SIDE AXIAL PORT (ASX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com