Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX5700AS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX5700AS
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX5700AS Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX5700AS Datasheet HTML 1Page - NXP Semiconductors MPX5700AS Datasheet HTML 2Page - NXP Semiconductors MPX5700AS Datasheet HTML 3Page - NXP Semiconductors MPX5700AS Datasheet HTML 4Page - NXP Semiconductors MPX5700AS Datasheet HTML 5Page - NXP Semiconductors MPX5700AS Datasheet HTML 6Page - NXP Semiconductors MPX5700AS Datasheet HTML 7Page - NXP Semiconductors MPX5700AS Datasheet HTML 8Page - NXP Semiconductors MPX5700AS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MPX5700
Rev 10, 10/2012
Freescale Semiconductor
Data Sheet: Technical Data
© 2007-2009, 2012 Freescale Semiconductor, Inc. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPX5700 series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This patented, single element transducer combines advanced
micromachining techniques, thin-film metallization, and bipolar processing to
provide an accurate, high level analog output signal that is proportional to the
applied pressure.
Features
• 2.5% Maximum Error over 0
 to 85C
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Available in Absolute, Differential and Gauge Configurations
• Patented Silicon Shear Stress Strain Gauge
• Durable Epoxy Unibody Element
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Name
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX5700 Series)
MPX5700A
867
•
•
MPX5700A
MPX5700AP
867B
•
•
MPX5700AP
MPX5700AS
867E
•
•
MPX5700A
MPX5700ASX
867F
•
•
MPX5700A
MPX5700D
867
•
•
MPX5700D
MPX5700DP
867C
•
•
MPX5700DP
MPX5700GP
867B
•
•
MPX5700GP
MPX5700GP1(1)
1. MPX5700GP1 has 90 degree lead form.
867B
•
•
MPX5700GP
MPX5700GS
867E
•
•
MPX5700D
MPX5700
Series
0 to 700 kPa (0 to 101.5 psi)
15 to 700 kPa (2.18 to 101.5 psi)
0.2 to 4.7 V Output
MPX5700A/D
CASE 867-08
MPX5700AP/GP/GP1
CASE 867B-04
MPX5700DP
CASE 867C-05
MPX5700AS/GS
CASE 867E-03
MPX5700ASX
CASE 867F-03
UNIBODY PACKAGES


Similar Part No. - MPX5700AS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX5700AS FREESCALE-MPX5700AS Datasheet
249Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5700AS FREESCALE-MPX5700AS Datasheet
165Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5700ASX FREESCALE-MPX5700ASX Datasheet
249Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5700ASX FREESCALE-MPX5700ASX Datasheet
165Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPX5700AS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com