Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R3P00 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # CPCI-R3P00
Description  3U CompactPCI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

CPCI-R3P00 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  CPCI-R3P00 Datasheet HTML 1Page - Adlink Technology Inc. CPCI-R3P00 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
cPCI-3511(BL) Series
Specifications
Processor & System
CPU
Quad-core Intel® Core™ i7-5700EQ Processor 2.6GHz (Turbo
boost up to 3.4GHz), 6M Cache, 47/37W by cTDP
(cPCI-3511BL only)
Quad-core Intel® Core™ i7-4700EQ Processor 2.4GHz (Turbo
boost up to 3.4GHz), 6M Cache, 47/37W by cTDP
Dual-core Intel® Core™ i5-4402E Processor 1.6GHz (Turbo
boost up to 2.7GHz), 3M Cache, 25W
Supports Intel® Hyper-Threading and Turbo Boost
Technology, VT-x, VT-D, vPro Technology
Chipset
Intel® QM87 Chipset
Memory
DDR3L-1333 SDRAM ECC soldered, up to 16GB (cPCI-3511BL)
DDR3L-1600 SDRAM ECC soldered, up to 8GB (cPCI-3511)
BIOS
AMI EFI BIOS, 64Mbit SPI Flash memory
CompactPCI Bus
PCI 32bit, 33/66 MHz, 3.3V or 5V universal V (I/O)
Supports operation in system slot as master or in
peripheral slot as stand-alone blade without connectivity to
CompactPCI® bus (Satellite mode)
PICMG Standards
PICMG 2.0 CompactPCI R3.0
PICMG 2.1 Hot Swap R2.0
PICMG 2.9 System Management (R1.0)
PICMG 2.30 CompactPCI PlusIO
Connectivity
PMC/XMC
Optional PCI 64bit/66MHz PMC site or PCIe x1 XMC site
Ethernet
One Intel® I217LM controller for one Gigabit Ethernet front
panel port with Intel® AMT 9.0 support
Three Intel® I210 controllers for one Gigabit Ethernet front
panel port and two rear ports
Additional two Intel® 82574L controllers for two Gigabit
Ethernet front panel ports on riser card (cPCI-3511L only)
Graphics
Integrated in Intel® processor, 3D engine
One DVI-I (digital+analog) port on front panel, analog
switchable to rear, supports up to QXGA 2048x1536 pixels
@75Hz, 32-bits
Two DisplayPorts on riser card, support up to 2560×1440
pixels @60Hz, DVI, VGA and HDMI interfaces are available by
adapter cables (cPCI-3511(BL)G only)
Three independent displays with different /contents
USB
Single USB 3.0 port on front panel, and up to three USB
ports on front panel on selected SKUs
Three USB ports to rear, two on RTM panel
Audio
Line-in and Line-out ports on front panel (cPCI-3511(BL)D only)
PS/2
Keyboard/Mouse on cPCI-3511(BL)D and cPCI-3511(BL)G
Serial Port
Up to four serial ports
One RS-232/422/485 selectable port on front panel
One RS-232/422/485 10-pin header on riser card
(cPCI-3511(BL)G only)
Two serial ports on rear panel: one with Tx/Rx signal only,
one converted from USB signal
Storage
Blade
One SATA 6 Gb/s direct connector for 2.5” onboard HDD
(8HP version only)
CFast socket or mSATA socket
Optional onboard 32GB SSD (by replacing CFast adapter board)
RTM
Three 7-pin SATA signal connectors
Supports SATA RAID 0/1/5/10
Operating System
OS
Microsoft Windows 7/8, 32/64-bit
Red Hat Enterprise Linux 6.4
Fedora 18
Wind River VxWorks 6.9, 32/64-bit
(Please contact ADLINK for other OS support)
Miscellaneous
LEDs
Power, WDT, Storage Drive, Overheat, General Purpose
Battery
Coin cell lithium battery onboard for RTC
CMOS RAM for BIOS configuration
Watchdog Timer
System Reset and NMI, with Programmable Interval, 1-65535
sec or 1-65535 minutes
Hardware Monitor
Monitors CPU temperature, system temperature and DC
voltages by IPMI
TPM
Atmel TPM AT97SC3204 (optional support upon request)
Mechanical & Environmental
Form Factor
3U 4HP/8HP CompactPCI equipped with HM J1 and UHM J2
connector
100mm x 160mm (L x W)
Operating Temperature -20°C to +70°C (Core™ i7-4700EQ and i7-5700EQ 47W)
-40°C to +85°C (Core™ i5-4402E, i7-4700EQ and i7-5700EQ
47W adjusted to 37W by Intel® cTDP)
Storage Temperature
-50°C to +100°C
RH Humidity
95% non-condensing
Shock
20g peak-to-peak, 11ms duration, non-operating
Vibration
2g random vibration, 5 to 500Hz in 3 axes, operating
Weight
Net weight 713.55g (cPCI-3511(BL)D with heatsink)
Net weight 718.20g (cPCI-3511(BL)G with heatsink)
Certifications
CE/ FCC
3U CompactPCI PlusIO 4th/5th Generation
Intel® Core™ i7 Processor Blade with ECC
Features
Quad-core 4th/5th Generation Intel® Core™ i7
processor
Up to 8GB DDR3L ECC soldered memory
onboard (up to 16GB for cPCI-3511BL)
System/Peripheral slot operation
PICMG 2.30 CompactPCI PlusIO compliant
Intel® AMT 9.0 support
cPCI-3511(BL)
cPCI-3511(BL)G
cPCI-3511(BL)D
cPCI-3511L
CompactPCI ®PlusIO
4


Similar Part No. - CPCI-R3P00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R3610 ETC2-CPCI-R3610 Datasheet
540Kb / 2P
Up to 4GB DDR3-800 soldered memory
CPCI-R3610 ETC2-CPCI-R3610 Datasheet
277Kb / 1P
Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
CPCI-R3610T ETC2-CPCI-R3610T Datasheet
540Kb / 2P
Up to 4GB DDR3-800 soldered memory
CPCI-R3610T ETC2-CPCI-R3610T Datasheet
277Kb / 1P
Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
CPCI-R3915 ETC2-CPCI-R3915 Datasheet
523Kb / 2P
Extended temperature option
More results

Similar Description - CPCI-R3P00

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CPCI325D-101C MURATA-PS-CPCI325D-101C Datasheet
152Kb / 4P
325 Watt, 3U x 8HP CompactPCI?
logo
Murata Manufacturing Co...
TPS_CPCI325D MURATA-TPS_CPCI325D Datasheet
144Kb / 4P
325 Watt, 3U x 8HP CompactPCI
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
3U x 8HP CompactPCI Serial
logo
Adlink Technology Inc.
CPCI-3510 ADLINK-CPCI-3510 Datasheet
712Kb / 4P
3U CompactPCI
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
3U CompactPCI 6-slot Cubic Chassis
CPCIS-2630 ADLINK-CPCIS-2630 Datasheet
252Kb / 2P
3U CompactPCI Subsystem
CPCIS-2642 ADLINK-CPCIS-2642 Datasheet
229Kb / 2P
Dual 3U CompactPCI Subsystem
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com