Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R3P00 Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # CPCI-R3P00
Description  3U CompactPCI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

CPCI-R3P00 Datasheet(HTML) 2 Page - Adlink Technology Inc.

  CPCI-R3P00 Datasheet HTML 1Page - Adlink Technology Inc. CPCI-R3P00 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-3511BL/5700E/M16/S32
(available by request)
1-slot (4HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-5700EQ processor and 16GB DDR3L-1333
ECC soldered memory, DVI, 2x GbE, 1x USB 3.0 and
onboard 32GB SSD
cPCI-3511/4700E/M8/S32
(available by request)
1-slot (4HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-4700EQ processor and 8GB DDR3L-1600
ECC soldered memory, DVI, 2x GbE, 1x USB 3.0 and
onboard 32GB SSD
cPCI-3511BLD/5700E/M16
(available by request)
2-slot (8HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-5700EQ processor and 16GB DDR3L-1333
ECC soldered memory, DVI, 2x GbE, 1x USB 3.0,
COM, 2x USB 2.0, PS/2 KB/MS, Line-in, Line-out,
CFast socket and SATA connector
cPCI-3511D/4700E/M4
(available by request)
2-slot (8HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-4700EQ processor and 4GB DDR3L-1600
ECC soldered memory, DVI, 2x GbE, 1x USB 3.0,
COM, 2x USB 2.0, PS/2 KB/MS, Line-in, Line-out,
CFast socket and SATA connector
cPCI-3511BLG/5700E/M16
(available by request)
2-slot (8HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-5700EQ processor and 16GB DDR3L-1333
ECC soldered memory , DVI, 2x GbE, 1x USB 3.0,
RJ-45 COM, 2x DisplayPort, PS/2 KB/MS, 1x USB 2.0,
CFast socket and SATA connector
cPCI-3511G/4700E/M4
(available by request)
2-slot (8HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-4700EQ processor and 4GB DDR3L-1600
ECC soldered memory , DVI, 2x GbE, 1x USB 3.0,
RJ-45 COM, 2x DisplayPort, PS/2 KB/MS, 1x USB 2.0,
CFast socket and SATA connector
cPCI-3511L/4700E/M4
(available by request)
2-slot (8HP) 3U CompactPCI PlusIO blade with Intel®
Core™ i7-4700EQ processor and 4GB DDR3L-1600
ECC soldered memory , DVI, 4x GbE, 1x USB 3.0,
1x USB 2.0, COM, CFast socket and SATA connector
Rear Transition Module
cPCI-R3P00
8 HP Rear I/O module with 2x GbE, 2x COM,
2x USB 2.0, 3x SATA connectors, VGA, 50mm depth
cPCI-R3P00T
8 HP Rear I/O module with 2x GbE, 2x COM,
2x USB 2.0, 3x SATA connectors, VGA, 80mm depth
Accessories
SATA drive installation kit
2.5” SATA drive installation package including bracket,
screws
Y-cable for keyboard &
mouse
Y-cable for keyboard & mouse and 200mm in cable
length
DisplayPort to DVI cable
DisplayPort to DVI adapter cable with 150mm cable
(one is included in cPCI-3511BLG package by default)
DisplayPort to VGA cable
DisplayPort to VGA adapter cable with 150mm cable
DisplayPort to HDMI cable
DisplayPort to HDMI adapter cable with 150mm cable
RJ-45 to DB9 cable
RJ-45 to DB9 COM adapter and 200mm in cable
length
SCSI 100p to IO cable
(available by request)
SCSI 100-pin male to 2 x DVI-D female, 2 x DB9 male,
2 x USB female, 2 x PS/2 female, 2 x audio jack,
150 mm cable
Contact us for different CPU, memory, SSD/HDD, CFast and mSATA combinations.
(1) Switched from front port
(2) Available by replacing CFast or mSATA board with onboard SSD adapter board
GbE
USB
COM
Display
PS/2 KB/MS
Storage
Onboard SSD
Audio
PMC/XMC
cPCI-3511(BL)
(4HP)
Faceplate
2 (RJ-45)
1 (3.0)
1 (DVI-I)
Onboard
1 (CFast)
optional(2)
cPCI-3511(BL)D
(8HP)
Faceplate
2 (RJ-45)
1 (3.0)
2 (2.0)
1 (DB9)
1 (DVI-I)
1
Onboard
1 (SATA)
1 (CFast)
optional(2)
1 (Line-in)
1 (Line-out)
cPCI-3511(BL)G
(8HP)
Faceplate
2 (RJ-45)
1 (3.0)
1 (2.0)
1 (RJ-45)
1 (DVI-I)
2 (DP)
1
Onboard
1 (10-pin)
1 (SATA)
1 (CFast)
optional(2)
cPCI-3511L
(8HP)
Faceplate
4 (RJ-45)
1 (3.0)
1 (2.0)
1(DB9)
1 (DVI-I)
Onboard
1 (SATA)
1 (CFast)
optional(2)
cPCI-R3P00(T)
Faceplate
2 (RJ-45)
2 (2.0)
2 (DB9)
1 (VGA)(1)
Onboard
3 (SATA)
LAN
SATA
USB
COM
VGA
cPCI-R3P00(T)
2
3
4
5
6
7
1
Note: All specifications are subject to change without further notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com