Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-IBF Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # GP-IBF
Description  High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

GP-IBF Datasheet(HTML) 1 Page - Contec Co., Ltd

  GP-IBF Datasheet HTML 1Page - Contec Co., Ltd GP-IBF Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver.2.13
GP-IB(LPCI)F, GP-IB(LPCI)FL
1
High-speed IEEE-488.2 GPIB communication
board for Low Profile PCI
GP-IB(LPCI)F, GP-IB(LPCI)FL
* Specifications,color and designof the products are subject to change
without notice.
Model
Name
Busanalyzer
function
GP-IB(LPCI)F
High-performancehigh-speedIEEE-488.2GPIBcommunicationboard
Ο
GP-IB(LPCI)FL
Low-pricehigh-speedIEEE-488.2GPIBcommunicationboard
None
This product is a PCI bus compatible interfaceboard with support for bus
master operation and which complies with IEEE-488.1 and IEEE-488.2.
The card can be used in a PC to control communications with devices
that support the GPIB interface and perform GPIB bus line data analysis.
You can use thesupplied driver library to develop application software
using any programming language that supports the Win32 API routines
(such as Visual Basic or Visual C++), or using LabVIEW.
* The contents in this document are subject to change without notice.
* Visit the CONTEC website to check the latest details in the document.
* The information in the data sheets is as of August 2019.
Features
Complieswith the IEEE-488.2 standard
As thecard complies with the IEEE-488.2 standard, youcan control any
external device that supports this standard.
Data transfer speed 1.5Mbyte/sec max.
The maximum data transfer speed for communications is 1.5Mbyte/sec.
Supports bus master operation
The bus master data transfer function enables large quantities of data to
be transferred between the board and PC without loading the CPU.
Internal 2Kbyte FIFO buffers for send and receive
The board has separate 2Kbyte FIFO buffers for sending and receiving
data, allowing both small and large volumes of data to be transferred at
high speed. Interfacemessages also use a FIFO to enable high-speed
transmission.
Built-in GPIB bus analyzer function [only GP-IB(LPCI)F]
The board features a bus analyzer function. This not only allows the
signals on the GPIB bus to analyzed, but also permits signal analysis to be
performed while the board is performing GPIB communications
Built-in SPAS event function
In addition to the functions of the earlier GPIB controller (µPD7210),the
board also supports the SPAS event generated when a serial poll occurs.
This gives you a high level of flexibility in constructing your system.
Internal high-precision timer
The board includes a high-precision application timer to allow accurate
time monitoring to be performed under Windows.
Long term availability
As the board uses a high-speed GPIB controller developed by CONTEC
(upwardly compatible with the µPD7210), reliable long term availability is
ensured.
Diagnostic program
A diagnostic program is supplied to support system development. The
diagnostic program can be used to check hardware operation (interrupts
and I/O addresses) and to perform simplecommunication tests with
connected devices.
Other
Support for both of Low Profilesize and standard size slots
(interchangeable with a bundled bracket).
Specifications
Item
GP-IB(LPCI)F
GP-IB(LPCI)FL
GPIB
Numberofchannel
1ch,ConformstoIEEE-488.1,488.2(GPIB)standards
Transferformat
8-bitparallel,3-wirehandshakesystem
Transferrate
1.5Mbyte/sec
Databuffersize
2Kbytesend,2Kbytereceive
Signallogic
Negativelogic
Llevel:0.8Vorless,Hlevel:2.0Vormore
Cablelengthbetweendevice
4morless
Totalcablelength
20morless
Connectablenumberofdevice
15devices(Max.)
Analyzerbuffersize
64Kdatapoints
(1datapoint: Controlsignals+
DIO1to8)
None
Busmastersection
DMAchannels
2ch
Transferbuswidth
32-bit
Transferdatalength
8PCIWordslength(Max.)
Transferrate
80Mbyte/sec
Scatter/Gatherfunction
64Mbyte/ch
Commonsection
I/Oaddress
Any128-byteboundary
Interrupt
1leveluse
Consumedcurrent
5VDC 400mA(Max.)
Operatingconditions
0-50°C,10-90%RH(Nocondensation)
PCIbusspecification
32-bit,33MHz,Universalkeyshapessupported*1
Physicaldimensions(mm)
121.69(L)x63.41(H)
Weight
110g
Standard
VCCIClassA,CEMarking(EMCDirectiveClassA,RoHSDirective)
Board Dimensions
Thestandardoutsidedimension(L)isthedistancefromtheendoftheboardtotheoutersurfaceoftheslotcover.
[mm]
121.69(L)
<GP-IB(LPCI)F>
[mm]
121.69(L)
<GP-IB(LPCI)FL>


Similar Part No. - GP-IBF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP-1000HD ETC2-GP-1000HD Datasheet
731Kb / 2P
Designed for high durability applications
GP-1000SF ETC2-GP-1000SF Datasheet
364Kb / 2P
No silicone outgassing
logo
ATGBICS by Approved Tec...
GP-10GSFP-1L-C ATGBICS-GP-10GSFP-1L-C Datasheet
366Kb / 10P
GP-10GSFP-1L Dell Force10 Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
GP-10GSFP-1S-C ATGBICS-GP-10GSFP-1S-C Datasheet
375Kb / 10P
GP-10GSFP-1S Dell Force10 Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
GP-10GSFP-T-C ATGBICS-GP-10GSFP-T-C Datasheet
222Kb / 6P
GP-10GSFP-T Dell Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
More results

Similar Description - GP-IBF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
NAT9914BPL ETC1-NAT9914BPL Datasheet
230Kb / 10P
IEEE 488.2 Controller Chip
logo
Advantech Co., Ltd.
PCI-1671UP ADVANTECH-PCI-1671UP Datasheet
189Kb / 1P
IEEE-488.2 Interface Low Profile Universal PCI Card
logo
National Instruments Co...
GPIB-USB-HS NI-GPIB-USB-HS Datasheet
200Kb / 4P
Completely IEEE 488.2 compatible/Controls up to 14 GPIB instruments
778033-01 NI-778033-01 Datasheet
669Kb / 5P
GPIB Analyzers for PCI and PCI Express
logo
List of Unclassifed Man...
LPCI-3488A ETC2-LPCI-3488A Datasheet
390Kb / 2P
High-Performance IEEE-488 GPIB Interface for USB/PCI
logo
Advantech Co., Ltd.
PCI-1671UP ADVANTECH-PCI-1671UP_14 Datasheet
209Kb / 1P
IEEE-488.2 Interface Low Profile Universal PCI Card
logo
Contec Co., Ltd
CNT32-4MT CONTEC-CNT32-4MT Datasheet
154Kb / 4P
4ch 32Bit High-Speed Up/Down Counter Board for Low Profile PCI
GPIB-FL2-USB CONTEC-GPIB-FL2-USB Datasheet
233Kb / 2P
High Speed IEEE-488.2 I/F Micro Converter for USB2.0
GPIB-F-LPE CONTEC-GPIB-F-LPE Datasheet
236Kb / 2P
PCI Express-compliant High speed GPIB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com