Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP-IBF Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # GP-IBF
Description  High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

GP-IBF Datasheet(HTML) 2 Page - Contec Co., Ltd

  GP-IBF Datasheet HTML 1Page - Contec Co., Ltd GP-IBF Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.2.13
GP-IB(LPCI)F, GP-IB(LPCI)FL
2
Support Software
NOTE:
This hardware does not supportWindows 95, Windows 98 and Windows
NT 4.0/3.51.
Driver Library API-PAC(W32) [Bundled]
API-PAC(W32) is the library software that provides the commands for
CONTEC hardware products in the form of Windows standard Win32 API
functions (DLL). Itmakes it easy to create high-speed application
software taking advantageof theCONTEC hardware using various
programming languages that support Win32 API functions,such as
Visual Basic and Visual C++. It can also be used by the installed
diagnosis program to check hardware operations.
For more details on thesupported OS, applicable language and new
information, please visit the CONTEC’s Web site.
API-GPLV(W32) library supporting LabVIEW
[Stored on the bundledmedia driver library API-PAC(W32)]
API-GPLV(W32) is a driver created according to the National Instruments
Corporation’s GPIB function style. The driver is software to control the
CONTEC GPIB board (PC Cards) using a LabVIEW-based GPIB system or
existing application program. It can also be used by the installed
diagnosis program to check hardware operations. CONTEC provides
download services
For more details on thesupported OS, applicable language and new
information, please visit the CONTEC’s Web site.
Linux version of general-purpose count driver: API-GPIB(LNX)
[Stored on the bundledmedia driver library API-PAC(W32)]
This driver is used to control CONTEC GPIB boards (PC Cards) from
within Linux. You can control CONTEC GPIB boards easily using the
shared librarycalled from the user application, the device driver (module)
for each kernel version, and the board (PC Cards) configuration program
(config). CONTEC provides download services
For more details on thesupported OS, applicable language and new
information, please visit the CONTEC’s Web site.
Cable & Connector
Cable (Option)
GPIB cable(2m)
: PCN-T02
GPIB cable(4m)
: PCN-T04
GPIB Connector
: CN-GP/C *1*2
*1 EffectivewhenthecablebeingpluggedintotheboardinterferewiththePC’smainunit.
*2 TheGPIBconnectoradapter[CN-GP/C]isbundledwiththisproductasastandardfeature.
* ChecktheCONTEC’sWebsiteformoreinformationontheseoptions.
Packing List
Board [GP-IB(LPCI)F, orGP-IB(LPCI)FL]…1
First stepguide …1
Disk*1 [API-PAC(W32)] …1
GPIBconnector adapter [CN-GP/C] …1
Standard-sized bracket…1
Warranty Certificate …1
Serialnumberlabel …1
*1 TheDiskcontainsthedriversoftwareandUser’sGuide
Connector Pin Assignment
Management bus(End or Identify)
(Data Valid)
(Not Ready for Data)
(Not Data Accepted)
(Interface Clear)
(Service Request)
(Attention)
(Ground)
Data bus DIO1
Data bus DIO2
Data bus DIO3
Data bus DIO4
EOI
DAV
NRFD
NDAC
IFC
SRQ
ATN
GND
CN1
Handshake
bus
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
DIO5 Data bus
DIO6 Data bus
DIO7 Data bus
DIO8 Data bus
REN(Remote Enable)Management bus
GND (Ground)
GND (Ground)
GND (Ground)
GND (Ground)
GND (Ground)
GND (Ground)
Logic GND
Management bus



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com