Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3356
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3356 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC3356 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3356 SOT23-3L
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Features
Low noise and high gain.
NF = 1.1 dB Typ., Ga = 11 dB Typ. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
High power gain.
MAG = 13 dB Typ. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
a
b
o
t
r
o
t
c
e
ll
o
C
CBO
20
V
V
e
g
a
tl
o
v
r
e
tt
i
m
e
o
t
r
o
t
c
e
ll
o
C
CEO
12
V
V
e
g
a
tl
o
v
e
s
a
b
o
t
r
e
tt
i
m
E
EBO
3.0
V
I
)
C
D
(
t
n
e
r
r
u
c
r
o
t
c
e
ll
o
C
C
100
mA
P
n
o
it
a
p
i
s
s
i
d
r
e
w
o
p
l
a
t
o
T
tot
200
mW
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-65 to +150
hFE Classification
Electrical Characteristics Ta = 25
*. Pulse measurement: PW
350 s, Duty Cycle
2%.
Type
2SC3356-R23
2SC3356-R24
2SC3356-R25
2SC3356-R26
Range
50-100
80-160
125-250
250-400
Marking
R23
R24
R25
R26
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
20
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
12
Emitter - base breakdown voltage
VEBO
IE= 100 uA, IC= 0
3
Collector-base cut-off current
ICBO
VCB= 10 V , IE= 0
1
Emitter cut-off current
IEBO
VEB= 3V , IC=0
1
Collector-emitter saturation voltage *
VCE(sat) IC=50 mA, IB=5mA
0.4
Base - emitter saturation voltage *
VBE(sat) IC=50 mA, IB=5mA
1.2
DC current gain *
hFE
VCE= 10V, IC= 20mA
50
400
Insertion power gain
|S21e |
VCE = 10 V, IC = 20 mA, f= 1GHz
11.5
Noise figure
NF
VCE = 10 V, IC = 7 mA, f= 1GHz
1.1
2
Reverse transfer capacitance
Cre
VCB= 10V, IE= 0,f=1MHz
0.55
1
pF
Transition frequency
fT
VCE= 10V, IC= 20mA
7
GHz
V
uA
V
dB
2
NPN Transistors
1
2
3
■
Simplified outline(SOT23-3L)
1. Gate
2. Source
3. Drain
■


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC3356 SECOS-2SC3356 Datasheet
251Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com