Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3356
Description  NPN Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3356 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC3356 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3356 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3356 SOT23-3L
2 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
■
Typical Characterisitics
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
100
0
10
20
50
100
200
50
1
5
10
50
0.5
100
150
TA-Ambient Temperature-°C
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
0
5
10
15
0.5
1
5
10
50 70
IC-Collector Current-mA
INSERTION GAIN vs.
COLLECTOR CURRENT
VCE = 10 V
f = 1.0 GHz
0.3
0.5
1
2
0
0.5 1
2
5
10
20 30
VCB-Collector to Base Voltage-V
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
f = 1.0 MHz
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
0
0.5 1.0
10
5.0
30
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
VCE = 10 V
0
10
20
0.1
0.2
0.4 0.6 0.81.0 2
f-Frequency-GHz
INSERTION GAIN, MAXIMUM GAIN
vs. FREQUENCY
VCE = 10 V
IC = 20 mA
Gmax
|S21e|2
Free Air



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com