Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRT40L100DC-R Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SRT40L100DC-R
Description  Trench MOS Barrier Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SRT40L100DC-R Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SRT40L100DC-R Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SRT40L100DC-R Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SRT40L100DC-R Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SRT40L100DC-R Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRT40L100CT-FCT-DC
1 / 4
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Trench MOS Barrier Schottky Rectifier
Reverse Voltage - 100 V
Forward Current – 40 A
FEATURES
Very low forward voltage
High current capability
High forward surge capability
Low power losses,High efficiency
Guarding for over voltage protection
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: TO-220AB/CT TO-220F/FCT TO-263/DC
Solder bath temperature275℃maximum,10s per JESD22-106
 
 
 
 
 
 
 
Primary Characteristic
Io
2*20A
VRRM
100V
IFSM
250A
VF
0.66V
TJ Max
150°C
Maximum Ratings (Per Leg) at Ta=25°C unless otherwise specified
Parameter
Symbols
Value
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS voltage
VRMS
100
V
Maximum DC Blocking Voltage
VDC
100
V
Per Leg
20
Maximum Average Forward Rectified Current
Total
Io
40
A
Peak Forward Surge Current, 8.3ms Single Half Sine-wave
IFSM
250
A
Operating Temperature Range
TJ
-50 ~ +150
°C
Storage Temperature Range
TSTG
-50 ~ +150
°C
Typical Thermal Resistance (Note1) TO-220AB,TO-263 TO-220F
RθJA/ RθJC
2/4
°C/W
Note1: Thermal resistance from Junction to case per leg mounted on heatsink.
Electrical Characteristics (Per Leg) unless otherwise specified
Characteristics
Symbols
Value
Units
Forward Voltage Drop(Note2)
Typ
Max
TA=25°C
0.48
-
at IF=5A
TA=125°C
0.42
-
TA=25°C
0.57
0.60
at IF=10A
TA=125°C
0.54
-
TA=25°C
0.71
0.75
at IF=20A
TA=125°C
VF
0.66
-
V
TA=25°C
15
60
uA
Maximum Reverse Current at VR=100V
TA=125°C
IR
9
-
mA
Note2:Pulse test: 300 μs pulse width, 1 % duty cycle


Similar Part No. - SRT40L100DC-R

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SRT40L100PT YFWDIODE-SRT40L100PT Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER
SRT40L100PTS YFWDIODE-SRT40L100PTS Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRT40L100DC-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFT2080S VISHAY-VFT2080S Datasheet
78Kb / 4P
Trench MOS Barrier Schottky Rectifier
18-Nov-10
VT1080S VISHAY-VT1080S_12 Datasheet
148Kb / 5P
Trench MOS Barrier Schottky Rectifier
08-Sep-09
V30DL45BP VISHAY-V30DL45BP Datasheet
122Kb / 6P
Trench MOS Barrier Schottky Rectifier
18-Mar-14
V10PL45-M3 VISHAY-V10PL45-M3 Datasheet
88Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Dec-13
VBT1045CBP VISHAY-VBT1045CBP_15 Datasheet
91Kb / 5P
Trench MOS Barrier Schottky Rectifier
22-May-12
VFT1045CBP VISHAY-VFT1045CBP_15 Datasheet
86Kb / 5P
Trench MOS Barrier Schottky Rectifier
29-Oct-13
VT10200C-E3 VISHAY-VT10200C-E3 Datasheet
161Kb / 6P
Trench MOS Barrier Schottky Rectifier
09-Sep-13
VBT145CB-M3 VISHAY-VBT145CB-M3 Datasheet
92Kb / 5P
Trench MOS Barrier Schottky Rectifier
30-Apr-13
logo
DONGGUAN YOU FENG WEI E...
5V100-DO YFWDIODE-5V100-DO Datasheet
1Mb / 3P
Trench MOS Barrier Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com