Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS053 Datasheet(PDF) 2 Page - DFI Inc

Part # FS053
Description  NXP i.MX6 Series 2.5" Pico-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

FS053 Datasheet(HTML) 2 Page - DFI Inc

  FS053 Datasheet HTML 1Page - DFI Inc FS053 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 12, 2019 DFI Inc.
FS053
SYSTEM
Processor
NXP i.MX6 Cortex-A9 Dual Lite, 1.0 GHz
NXP i.MX6 Cortex-A9 Quad, 1.0 GHz
Memory
1GB/2GB SDRAM Memory Down (default), 4GB (available upon request)
Single Channel DDR3L 1600/1866MHz
Flash
4MB NOR Flash
GRAPHICS
Display
1 x HDMI
1 x LVDS
HDMI: resolution up to 1920x1080 @ 60 Hz
LVDS: single channel, resolution up to 1366x768 @ 60Hz
Single/Dual Displays Yocto: HDMI or LVDS (Default)
Android: HDMI + LVDS (available upon request)
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB)
ETHERNET
Controller
1 x ATHEROS AR8033 Ethernet (10/100/1000Mbps)
1 x LAN7500 Ethernet (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-485 (2-wire)
USB
2 x USB 2.0
1 x USB 2.0 OTG Port
Display
1 x HDMI
INTERNAL I/O
Serial
1 x RS-232/422/485 (8-wire)
USB
1 x USB 2.0
Display
1 x LVDS LCD Panel Connector
SATA
1 x SATA 2.0 (up to 3Gb/s) (Quad processor only)
eMMC
Supports 8GB, 16GB and 32GB eMMC onboard
SD
1 x Micro SD Slot
DIO
1 x 8-bit DIO
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
9~36V DC
Connector
Terminal block (2-pin)
Consumption
Typical: 12V @ 0.355A (4.26Watt)
Max.: 12V @ 0.631A (7.58Watt)
OS SUPPORT
Yocto (1.8, Default Preloaded on eMMC)
Android (5.1.1)
ENVIRONMENT
Temperature
Operating: -20 to 70°C/0 to 60°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
486,335 hrs @ 25°C; 342,613 hrs @ 45°C ; 237,430 hrs @ 60°C
MECHANICAL
Dimensions
2.5" Pico-ITX Form Factor
100mm (3.94") x 72mm (2.83")
Height
PCB: 1.6mm
Top Side: 16.15mm, Bottom Side: 4mm
CERTIFICATIONS
CE, FCC, RoHS
Ordering Information
Model Name
P/N
Processor
Memory eMMC GbE RS-485 RS-232/422/485 USB 2.0 Power
Thermal Temp.
FS053-BC-18DL 770-FS0532-300G i.MX6 DualLite 1.0GHz 1GB DDR3 8GB
2
1
1
4
9~36V DC in
terminal block Fanless
0~60°C
FS053-BC-28QD 770-FS0532-200G i.MX6 Quad 1.0GHz
2GB DDR3 8GB
2
1
1
4
9~36V DC in
terminal block Fanless
0~60°C
FS053-EC-18DL 770-FS0532-100G i.MX6 DualLite 1.0GHz 1GB DDR3 8GB
2
1
1
4
9~36V DC in
terminal block Fanless
-20 to 70°C
FS053-EC-28QD 770-FS0532-000G i.MX6 Quad 1.0GHz
2GB DDR3 8GB
2
1
1
4
9~36V DC in
terminal block Fanless
-20 to 70°C
Packing List
Optional Items
• 1 FS053 board
• 1 terminal block for RS485
342-361021-000
• 1 Heat spreader (Height: 11mm)
A71-808303-000G
• USB 2.0 port cable (Length: 200mm, 1x USB ports)
A81-001058-016G
• COM cable (Length: 250mm, 1x COM ports)
A81-015044-001G
• Power cable for SATA and LCD backlight (Length: 155mm) A81-020016-018G
• Heat sink (Height: 16.8mm)
A71-008105-000G
Note: Please choose "FS053 product page > Download button" to download the Driver.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com