Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS053 Datasheet(PDF) 1 Page - DFI Inc

Part # FS053
Description  NXP i.MX6 Series 2.5" Pico-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

FS053 Datasheet(HTML) 1 Page - DFI Inc

  FS053 Datasheet HTML 1Page - DFI Inc FS053 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NXP i.MX6 Series
2.5" Pico-ITX
Features
FS053
DC-in
ARM
• NXP Cortex-A9 i.MX6 DualLite 1.0 GHz/Quad 1.0 GHz
• 9~36VDC wide voltage
• DDR3L SDRAM memory down , up to 4GB.
• Dual independent displays: HDMI + LVDS
• Expansion: 1 Mini PCIe, 1 SD
• Rich I/O: 2 GbE, 2 COM, 4 USB 2.0
Top View
LAN 1
LAN 2 USB 2.0
HDMI
Mini PCIe
HDMI
COM
Android
DC-in
DIO
USB 2.0
9~36 V
2 Displays
Mechanical Drawing
Block Diagram
NXP
i.MX6
DDR3L
Memory Down
PCIe x1
Front Panel
NOR Flash
Full-size
Mini PCIe
USB 2.0
GLAN
RGMII
RS-232/422/485
RS-485
SATA 2.0
SATA 1x
SPI
SD
SD
e.MMC
USB OTG
GPIO 3.3V
USB 2.0
HDMI
HDMI
LVDS
LVDS
USB 1x
I2C Bus
USB 2.0
UART TEST
USB HOST
USB2517 USB HUB
USB 2x
GLAN
0
3.04
23.21
69.08
72
Bottom View
LVDS
NXP i.MX6
Series
microSD
SATA 2.0
(for i.MX6 Quad)
Battery
Debug
USB OTG
SATA Power
JTAG
I2C
Front Panel
COM 3


Similar Part No. - FS053

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FS053C104J4X2A AVX-FS053C104J4X2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS053C104J4X4A AVX-FS053C104J4X4A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS053C104J4Z2A AVX-FS053C104J4Z2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS053C104J4Z4A AVX-FS053C104J4Z4A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS053C104JAX2A AVX-FS053C104JAX2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
More results

Similar Description - FS053

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_15 Datasheet
576Kb / 2P
Freescale i.MX6 Pico-ITX SBC
RSB-3410DL-MDA1E ADVANTECH-RSB-3410DL-MDA1E Datasheet
1Mb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5" SBC
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL051 DFI-AL051 Datasheet
693Kb / 2P
Intel Atom 2.5 Pico-ITX
FS051 DFI-FS051 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
logo
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5
7-Jul-2021
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com