Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS051 Datasheet(PDF) 2 Page - DFI Inc

Part # FS051
Description  NXP i.MX6 Series 2.5" Pico-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

FS051 Datasheet(HTML) 2 Page - DFI Inc

  FS051 Datasheet HTML 1Page - DFI Inc FS051 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Ordering Information
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © July 12, 2019 DFI Inc.
FS051
SYSTEM
Processor
NXP i.MX6 Cortex-A9 Dual Lite, 1.0 GHz
NXP i.MX6 Cortex-A9 Quad, 1.0 GHz
Memory
1GB/2GB SDRAM Memory Down (default), 4GB (available upon request)
Single Channel DDR3L 1600MHz/1866MHz
Flash
4MB NOR Flash
GRAPHICS
Display
1 x HDMI
1 x LVDS
HDMI: resolution up to 1920x1080 @ 60Hz
LVDS: single channel, resolution up to 1366x768 @ 60Hz
Single/Dual Displays Yocto: HDMI or LVDS (Default)
Android: HDMI + LVDS (available upon request)
EXPANSION
Interface
1 x Full-size Mini PCIe (PCIe/USB)
1 x SIM (Option)
ETHERNET
Controller
1 x ATHEROS AR8033 Ethernet (10/100/1000Mbps)
REAR I/O
Ethernet
1 x GbE (RJ-45)
Serial
1 x RS-485 (2-wire)
USB
2 x USB 2.0
1 x USB 2.0 OTG Port
Display
1 x HDMI
Power
1 x Power Button
INTERNAL I/O
Serial
1 x RS-232 (4-wire)
1 x RS-232/422/485 (8-wire)
USB
2 x USB 2.0
Display
1 x LVDS LCD Panel Connector
SATA
1 x SATA 2.0 (up to 3Gb/s) (Quad processor only)
DIO
1 x 8-bit DIO
eMMC
Supports 8GB, 16GB and 32GB eMMC onboard
SD
1 x Micro SD Slot
CANBus
1 x CANBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Single 5V +/-10% DC
Connector
DualLite: DC jack
Quad: Terminal block (2 poles)
Consumption
Typical: i.MX6:5V @ 0.460A (2.30Watt)
Max.: i.MX6:5V @ 0.963A (4.82Watt)
OS SUPPORT
Yocto (1.8, Default Preloaded on eMMC)
Android (5.1.1)
ENVIRONMENT
Temperature
Operating: 0 to 60°C / -20 to 70°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 95% RH
Storage: 5 to 95% RH
MTBF
491,355 hrs @ 25°C; 342,435 hrs @ 45°C ; 235,039 hrs @ 60°C
MECHANICAL
Dimensions
2.5" Pico-ITX Form Factor
100mm (3.94") x 72mm (2.83")
Height
PCB: 1.6mm
Top Side: 16.15mm, Bottom Side: 4mm
CERTIFICATIONS
CE, FCC, RoHS
Model Name
P/N
Processor
Memory eMMC GbE RS-485 RS-232 RS-232/
422/485 USB 2.0 Power
Thermal Temp.
FS051-BB-18DL 770-FS0512-300G i . M X 6 Du al L i te
1.0GHz
1GB DDR3 8GB
1
1
1
1
5
5V DC in DC jack Fanless
0~60°C
FS051-BB-28QD 770-FS0512-200G i.MX6 Quad 1.0GHz 2GB DDR3 8GB
1
1
1
1
5
5V DC in Terminal
block
Fanless
0~60°C
FS051-EB-18DL 770-FS0512-100G i . M X 6 Du al L i te
1.0GHz
1GB DDR3 8GB
1
1
1
1
5
5V DC in DC jack Fanless
-20 to 70°C
FS051-EB-28QD 770-FS0512-000G i.MX6 Quad 1.0GHz 2GB DDR3 8GB
1
1
1
1
5
5V DC in Terminal
block
Fanless
-20 to 70°C
Packing List
Optional Items
• 1 FS051 board
• 1 1 terminal block for RS485
342-361021-000
• 1 Heat spreader (Height: 11mm)
A71-808303-000G
• COM port cable (Length: 300mm, 2 x COM ports)
A81-015020-001G
• USB 2.0 port cable (Length: 200mm, 2x USB ports)
A81-001032-016G
• Power cable for SATA and LCD backlight (Length: 155mm) A81-020016-018G
• Heat sink (Height: 16.8mm)
A71-008105-000G
Note: Please choose "FS051 product page > Download button" to download the Driver.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com