Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS051 Datasheet(PDF) 1 Page - DFI Inc

Part # FS051
Description  NXP i.MX6 Series 2.5" Pico-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

FS051 Datasheet(HTML) 1 Page - DFI Inc

  FS051 Datasheet HTML 1Page - DFI Inc FS051 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0
3.04
34.34
69.08
72
NXP i.MX6 Series
2.5" Pico-ITX
Mechanical Drawing
Block Diagram
Features
FS051
NXP
i.MX6
DDR3L
Memory Down
PCIe x1
CANBus
CANBus
NOR Flash
Full-size
Mini PCIe
USB 2.0
GLAN
RGMII
RS-232/422/485
RS-232
SATA 2.0
SATA 1x
SPI
SD
SD
SIM(Opt.)
RS-485
e.MMC
USB OTG
Digital I/O 8-bit
USB 2.0
HDMI
HDMI
LVDS
LVDS
USB 4x
I2C Bus
USB 2.0
ARM
• NXP Cortex-A9 i.MX6 DualLite 1.0 GHz
• NXP Cortex-A9 i.MX6 Quad, 1.0 GHz
• DDR3L SDRAM memory down , up to 4GB.
• Dual independent displays: HDMI + LVDS
• Expansion: 1 Mini PCIe, 1 SD, 1 SIM (Optional)
• Rich I/O: 1 GbE, 3 COM, 5 USB 2.0, 1 CANBus
Top View
Bottom View
LAN
USB 2.0
LVDS
HDMI
COM 2/3
NXP i.MX6
Series
CAN-bus
HDMI
COM
DC-in
Android
DIO
SIM (Opt.)
USB OTG
Power
Button
Battery
CAN Bus
I2C
USB 2.0
SD Card
Front Panel
SATA Power
Debug
SATA 2.0
(for i.MX6 Quad)
JTAG
DDR3L
Palm-sized
Mini PCIe


Similar Part No. - FS051

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FS051C104J4X2A AVX-FS051C104J4X2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS051C104J4X4A AVX-FS051C104J4X4A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS051C104J4Z2A AVX-FS051C104J4Z2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS051C104J4Z4A AVX-FS051C104J4Z4A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
FS051C104JAX2A AVX-FS051C104JAX2A Datasheet
80Kb / 1P
For Ultra Safety Critical Applications
More results

Similar Description - FS051

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_15 Datasheet
576Kb / 2P
Freescale i.MX6 Pico-ITX SBC
RSB-3410DL-MDA1E ADVANTECH-RSB-3410DL-MDA1E Datasheet
1Mb / 2P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5" SBC
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL051 DFI-AL051 Datasheet
693Kb / 2P
Intel Atom 2.5 Pico-ITX
FS053 DFI-FS053 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
logo
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5
7-Jul-2021
EPC-R6410 ADVANTECH-EPC-R6410 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com