Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM343 Datasheet(PDF) 2 Page - DFI Inc

Part # WM343
Description  Wallmount Chassis for microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WM343 Datasheet(HTML) 2 Page - DFI Inc

  WM343 Datasheet HTML 1Page - DFI Inc WM343 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
WM343
STORAGE
External
1 or 2 x 3.5"/2.5" SATA Drive Bays (1 x 3.5" SATA drive bay, by default)
1 x 5.25" Optical Drive Bay (available upon request)
EXPANSION
4 x Expansion Slot
LED
Indicators
1 x Power LED
1 x HDD LED
I/O
Rear
2 x DB-9 Cutout
8 x USB 2.0 Cutout
Buttons
1 x Power Button
COOLING
Fan
1 x System Fan
POWER
Supply
Flex ATX 250W
MECHANISM
Construction
Sheet Metal
Mounting
Wall Mount
Dimensions ( W x H x D)
349mm x 140.2mm x 290.9mm (13.74" x 5.52" x 11.45")
Weight
7kg
Color
no coating or black coating
ENVIRONMENT
Operating Temperature
0 to 50°C
Storage Temperature
0 to 60°C
Relative Humidity
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 5G
Vibration
Operating: Random 5~500Hz 0.5G
Non-operating: Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Certification
CE, FCC Class A, RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com